Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM49FL004T-33JCE Datasheet(PDF) 10 Page - PMC-Sierra, Inc

Part # PM49FL004T-33JCE
Description  2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM49FL004T-33JCE Datasheet(HTML) 10 Page - PMC-Sierra, Inc

Back Button PM49FL004T-33JCE Datasheet HTML 6Page - PMC-Sierra, Inc PM49FL004T-33JCE Datasheet HTML 7Page - PMC-Sierra, Inc PM49FL004T-33JCE Datasheet HTML 8Page - PMC-Sierra, Inc PM49FL004T-33JCE Datasheet HTML 9Page - PMC-Sierra, Inc PM49FL004T-33JCE Datasheet HTML 10Page - PMC-Sierra, Inc PM49FL004T-33JCE Datasheet HTML 11Page - PMC-Sierra, Inc PM49FL004T-33JCE Datasheet HTML 12Page - PMC-Sierra, Inc PM49FL004T-33JCE Datasheet HTML 13Page - PMC-Sierra, Inc PM49FL004T-33JCE Datasheet HTML 14Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Programmable Microelectronics Corp.
Issue Date: December, 2003 Rev: 1.4
PMC
Pm49FL002 / 004
10
e
l
c
y
C
k
c
o
l
Cd
l
e
i
F]
0
:
3
[
H
W
Fn
o
i
t
c
e
r
i
Dn
o
i
t
p
i
r
c
s
e
D
1T
R
A
T
S1
0
1
1N
I
y
r
o
m
e
m
a
f
o
t
r
a
t
s
e
h
t
e
t
a
c
i
d
n
i
o
t
"
b
1
0
1
1
"
:
e
l
c
y
C
f
o
t
r
a
t
S
.
e
l
c
y
c
d
a
e
r
2L
E
S
D
I
o
t
0
0
0
0
1
1
1
1
N
I
.
d
n
o
p
s
e
r
d
l
u
o
h
s
e
c
i
v
e
d
H
W
F
h
c
i
h
w
s
e
t
a
c
i
d
n
I
:
e
l
c
y
C
t
c
e
l
e
S
D
I
n
e
h
t
,
s
n
i
p
]
0
:
3
[
D
I
n
o
t
e
s
e
u
l
a
v
e
h
t
s
e
h
c
t
a
m
d
l
e
i
f
L
E
S
D
I
e
h
t
f
I
t
n
e
u
q
e
s
b
u
s
o
t
d
n
o
p
s
e
r
ll
i
w
e
c
i
v
e
d
H
W
F
r
a
l
u
c
i
t
r
a
p
e
h
t
.
s
d
n
a
m
m
o
c
9
-
3R
D
D
A
M
IY
Y
Y
YN
I
e
h
T
.
s
s
e
r
d
d
a
y
r
o
m
e
m
t
i
b
-
8
2
e
h
t
s
i
s
i
h
T
:
s
e
l
c
y
C
s
s
e
r
d
d
A
-
t
s
a
e
l
d
n
a
t
s
r
i
f
e
l
b
b
i
n
t
n
a
c
i
f
i
n
g
i
s
-
t
s
o
m
r
e
f
s
n
a
r
t
s
e
s
s
e
r
d
d
a
d
n
a
,
t
s
r
i
f
]
0
:
3
[
H
W
F
n
o
4
2
-
7
2
A
,
.
e
.
i
(
.
t
s
a
l
e
l
b
b
i
n
t
n
a
c
i
f
i
n
g
i
s
.
)
t
s
a
l
]
0
:
3
[
H
W
F
n
o
0
A
-
3
A
0
1E
Z
I
S
M
I0
0
0
0N
I
r
o
e
b
ll
i
w
s
e
t
y
b
y
n
a
m
w
o
h
s
e
t
a
c
i
d
n
I
:
e
l
c
y
C
e
z
i
S
y
r
o
m
e
M
y
l
n
o
x
0
0
L
F
9
4
m
P
e
h
T
.
s
n
o
i
t
a
r
e
p
o
e
t
y
b
-
i
t
l
u
m
g
n
i
r
u
d
d
e
r
r
e
f
s
n
a
r
t
.
n
o
i
t
a
r
e
p
o
e
t
y
b
e
n
o
r
o
f
"
b
0
0
0
0
"
t
r
o
p
p
u
s
1
10
R
A
T1
1
1
1
n
e
h
t
N
I
t
a
o
l
F
n
e
h
t
s
u
b
e
h
t
n
e
v
i
r
d
s
a
h
H
C
I
l
e
t
n
I
e
h
T
:
0
e
l
c
y
C
d
n
u
o
r
A
-
n
r
u
T
.
s
u
b
e
h
t
s
t
a
o
l
f
n
e
h
t
d
n
a
s
"
1
"
ll
a
o
t
t
i
t
a
o
l
f
2
11
R
A
T
1
1
1
1
)
t
a
o
l
f
(
n
e
h
t
t
a
o
l
F
T
U
O
s
u
b
e
h
t
f
o
l
o
r
t
n
o
c
s
e
k
a
t
e
c
i
v
e
d
e
h
T
:
1
e
l
c
y
C
d
n
u
o
r
A
-
n
r
u
T
.
e
l
c
y
c
s
i
h
t
g
n
i
r
u
d
3
1C
N
Y
S
R
0
0
0
0
)
Y
D
A
E
R
(
T
U
O
t
n
a
c
i
f
i
n
g
i
s
-
t
s
a
e
l
e
h
t
s
e
t
a
c
i
d
n
i
e
c
i
v
e
d
H
W
F
e
h
T
:
c
n
y
S
y
d
a
e
R
.
e
l
c
y
c
k
c
o
l
c
t
x
e
n
n
i
y
d
a
e
r
e
b
ll
i
w
e
t
y
b
a
t
a
d
f
o
e
l
b
b
i
n
5
1
-
4
1A
T
A
DY
Y
Y
YT
U
O
t
n
a
c
i
f
i
n
g
i
s
-
t
s
a
e
l
h
t
i
w
d
e
r
r
e
f
s
n
a
r
t
a
t
a
d
s
t
i
b
-
8
e
h
T
:
s
e
l
c
y
C
a
t
a
D
n
o
0
O
/
I
-
3
O
/
I
,
.
e
.
i
(
.
t
s
a
l
e
l
b
b
i
n
t
n
a
c
i
f
i
n
g
i
s
-
t
s
o
m
d
n
a
t
s
r
i
f
e
l
b
b
i
n
.
)
t
s
a
l
]
0
:
3
[
H
W
F
n
o
4
O
/
I
-
7
O
/
I
n
e
h
t
,
t
s
r
i
f
]
0
:
3
[
D
A
L
6
10
R
A
T1
1
1
1
n
e
h
t
T
U
O
t
a
o
l
F
s
u
b
e
h
t
n
e
v
i
r
d
s
a
h
e
c
i
v
e
d
H
W
F
e
h
T
:
0
e
l
c
y
C
d
n
u
o
r
A
-
n
r
u
T
.
s
u
b
e
h
t
s
t
a
o
l
f
n
e
h
t
d
n
a
s
"
1
"
ll
a
o
t
t
i
t
a
o
l
f
n
e
h
t
7
11
R
A
T
1
1
1
1
)
t
a
o
l
f
(
n
e
h
t
t
a
o
l
F
N
I
s
u
b
e
h
t
f
o
l
o
r
t
n
o
c
s
e
m
u
s
e
r
H
C
I
l
e
t
n
I
e
h
T
:
1
e
l
c
y
C
d
n
u
o
r
A
-
n
r
u
T
.
e
l
c
y
c
s
i
h
t
g
n
i
r
u
d
Table 2: FWH Memory Read Cycle Definition
FWH MODE OPERATION (CONTINUED)
FWH MEMORY READ CYCLE WAVEFORMS
CLK
RST# or INIT#
FWH4
FWH[3:0]
1101b
ID[3:0]
xxxxb
A[19:16] A[15:12]
A[11:8]
A[7:4]
A[3:0]
1111b
Tri-State
0000b
D[3:0]
D[7:4]
1101b
Next Start
Memory
Read
Start
IDSEL
1 Clock
1 Clock
Load Address in 7 Clocks
2 Clocks
1 Clock
Data Out 2 Clocks
1 Clock
Data
RSYNC
TAR
Address
x1xxb
1111b
Tri-State
2 Clocks
TAR
From Device to Host
From Host to Device
0000b
IMSIZE


Similar Part No. - PM49FL004T-33JCE

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PM4 3M-PM4 Datasheet
347Kb / 2P
   3M??Fire Barrier Packing Material PM4
logo
List of Unclassifed Man...
PM4-C1522-XX ETC1-PM4-C1522-XX Datasheet
130Kb / 1P
   4MM CIRCULAR LENS FLEXIBLE LIGHT PIPE FLPS1522 INDICATORS
PM4-D2031-XX ETC1-PM4-D2031-XX Datasheet
118Kb / 1P
   4MM DOMED LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
PM4-F2031-XX ETC1-PM4-F2031-XX Datasheet
119Kb / 1P
   4MM FLAT LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
logo
Tumbler Technologies + ...
PM40-10AL TRUMPOWER-PM40-10AL Datasheet
211Kb / 2P
   40 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - PM49FL004T-33JCE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS49FL004T ISSI-IS49FL004T Datasheet
1Mb / 45P
   4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
AMIC Technology
A49FL004 AMICC-A49FL004 Datasheet
713Kb / 36P
   4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
logo
Silicon Storage Technol...
SST49LF004B SST-SST49LF004B Datasheet
460Kb / 39P
   4 Mbit LPC Firmware Flash
logo
PMC-Sierra, Inc
PM39F040 PMC-PM39F040 Datasheet
200Kb / 23P
   1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
logo
Silicon Storage Technol...
SST49LF002A SST-SST49LF002A Datasheet
412Kb / 36P
   2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
SST49LF004B SST-SST49LF004B_10 Datasheet
1Mb / 36P
   4 Mbit Firmware Hub
SST49LF004B SST-SST49LF004B_06 Datasheet
491Kb / 36P
   4 Mbit Firmware Hub
SST49LF020A SST-SST49LF020A Datasheet
593Kb / 50P
   2 Mbit LPC Flash
SST49LF040 SST-SST49LF040 Datasheet
724Kb / 48P
   4 Mbit LPC Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com