Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C33512NTF18A-75TQIN Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS7C33512NTF18A-75TQIN
Description  3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33512NTF18A-75TQIN Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS7C33512NTF18A-75TQIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33512NTF18A-75TQIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33512NTF18A-75TQIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33512NTF18A-75TQIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33512NTF18A-75TQIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C33512NTF18A-75TQIN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C33512NTF18A-75TQIN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C33512NTF18A-75TQIN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C33512NTF18A-75TQIN Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
®
AS7C33512NTF18A
11/8/04, v. 1.1
Alliance Semiconductor
P. 9 of 18
Timing characteristics over operating range
Snooze Mode Electrical Characteristics
Parameter
Sym
-75
–85
–10
Unit
Notes1
1
See “Notes” on page 15.
Min Max Min Max Min Max
Cycle time
tCYC
8.5
-
10
12
ns
Clock access time
tCD
-7.5
8.5
10
ns
Output enable low to data valid
tOE
-
3.5
4.0
4.0
ns
Clock high to output low Z
tLZC
2.5
-
2.5
2.5
ns
2,3,4
Data Output invalid from clock high
tOH
2.5
-
2.5–2.5
ns
2
Output enable low to output low Z
tLZOE
0.0
-
0–0–
ns
2,3,4
Output enable high to output high Z
tHZOE
-
3.5
4.0
4.0
ns
2,3,4
Clock high to output high Z
tHZC
-
4.0
5.0
5.0
ns
2,3,4
Output enable high to invalid output
tOHOE
0.0
-
0–0–
ns
Clock high pulse width
tCH
2.8
-
3.0–3.0
ns
5
Clock low pulse width
tCL
2.8
-
3.0–3.0
ns
5
Address and Control setup to clock high
tAS
2.0
-
2.0–2.0
ns
6
Data setup to clock high
tDS
2.0
-
2.0–2.0
ns
6
Write setup to clock high
tWS
2.0
-
2.0–2.0
ns
6, 7
Chip select setup to clock high
tCSS
2.0
-
2.0–2.0
ns
6, 8
Address hold from clock high
tAH
0.5
-
0.5–0.5
ns
6
Data hold from clock high
tDH
0.5
-
0.5–0.5
ns
6
Write hold from clock high
tWH
0.5
-
0.5–0.5
ns
6, 7
Chip select hold from clock high
tCSH
0.5
-
0.5–0.5
ns
6, 8
Clock enable setup to clock high
tCENS
2.0
-
2.0–2.0
ns
6
Clock enable hold from clock high
tCENH
0.5
-
0.5–0.5
ns
6
ADV setup to clock high
tADVS
2.0
-
2.0–2.0
ns
6
ADV hold from clock high
tADVH
0.5
-
0.5–0.5
ns
6
Description
Conditions
Symbol
Min
Max
Units
Current during Snooze Mode
ZZ > VIH
ISB2
30
mA
ZZ active to input ignored
tPDS
2cycle
ZZ inactive to input sampled
tPUS
2cycle
ZZ active to SNOOZE current
tZZI
2cycle
ZZ inactive to exit SNOOZE current
tRZZI
0


Similar Part No. - AS7C33512NTF18A-75TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512NTF32A ALSC-AS7C33512NTF32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C33512NTF32A-10TQC ALSC-AS7C33512NTF32A-10TQC Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C33512NTF32A-10TQCN ALSC-AS7C33512NTF32A-10TQCN Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C33512NTF32A-10TQI ALSC-AS7C33512NTF32A-10TQI Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C33512NTF32A-10TQIN ALSC-AS7C33512NTF32A-10TQIN Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
More results

Similar Description - AS7C33512NTF18A-75TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C331MNTF18A ALSC-AS7C331MNTF18A Datasheet
424Kb / 18P
   3.3V 1M x 18 Flowthrough Synchronous SRAM with NTD
AS7C33256NTF18B ALSC-AS7C33256NTF18B Datasheet
427Kb / 18P
   3.3V 256K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33512NTF32A ALSC-AS7C33512NTF32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C33128NTF18B ALSC-AS7C33128NTF18B Datasheet
429Kb / 19P
   3.3V 128K x 18 Flowthrough Synchronous SRAM with NTD
AS7C332MNTF18A ALSC-AS7C332MNTF18A Datasheet
417Kb / 18P
   3.3V 2M x 18 Flowthrough SRAM with NTD
AS7C251MNTF18A ALSC-AS7C251MNTF18A Datasheet
433Kb / 18P
   2.5V 1M x 18 Flowthrough Synchronous SRAM with NTD
AS7C25512NTF32A ALSC-AS7C25512NTF32A Datasheet
423Kb / 18P
   2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C33512NTD18A ALSC-AS7C33512NTD18A Datasheet
439Kb / 19P
   3.3V 512K x 18 Pipelined burst Synchronous SRAM with NTD
AS7C3364NTF32B ALSC-AS7C3364NTF32B Datasheet
418Kb / 19P
   3.3V 64K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C33128NTF32B ALSC-AS7C33128NTF32B Datasheet
416Kb / 18P
   3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com