Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS29F200 Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS29F200
Description  5V 256K x 8/128K x 8 CMOS FLASH EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F200 Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS29F200 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
$65<)533
$65<)533
$65<)533
$65<)533
®
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
;;;;
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
','#4407333<0$1#72:233
','#4407333<0$1#72:233
','#4407333<0$1#72:233
','#4407333<0$1#72:233
&RPPDQG#IRUPDW
1
Bus operations defined in "Mode definitions," on page 4.
2
Reading data from or programming data to non-erasing sectors allowed in Erase Suspend mode.
3
Address bit A15 = X = Don’t care for all address commands except Program Address and Sector Address.
4
Address bit A16 = X = Don’t care for all address commands except Program Address and Sector Address.
5
System should generate address patterns: ×16 mode - 5555h or 2AAAh to address A0–A14; ×8 mode - AAAAh or 5555h to address A-1–A14.
6A0 = 0, A1 = 1, A6 = 0 for sector protect verify; sector selected on A16-A12.
Sector erase timer
(DQ3)
Checks whether sector erase timer window is open. If DQ3 = 1, erase is in progress; no commands
will be accepted. If DQ3 = 0, the device will accept sector erase commands. Check DQ3 before and
after each sector erase command to verify that the command was accepted.
Toggle bit 2 (DQ2)
During sector erase, DQ2 toggles with OE or CE only during an attempt to read a sector being
erased. During chip erase, DQ2 toggles with OE or CE for all addresses. If DQ5 = 1, DQ2 toggles
only at sector addresses where failure occurred, and will not toggle at other sector addresses. Use
DQ2 in conjunction with DQ6 to determine whether device is in auto erase or erase suspend
mode.
Command sequence
Required
bus cycles
1st bus write cycle
2nd bus
write cycle
3rd bus
write cycle
4th bus
read/write cycle
5th bus
write cycle
6th bus
write cycle
Address
Data
Address
Data
Address
Data
Address
Data
Address
Data
Address
Data
Reset/Read
1
XXXXh
F0h
Read
Address
Read Data
Reset/Read
×16
4
5555h
AAh
2AAAh
55h
5555h
F0h
Read
Address
Read
Data
×8
AAAAh
5555h
AAAAh
Autoselect
ID Read
×16
4
5555h
AAh
2AAAh
55h
5555h
90h
01h
2251h (T)
2257h (B)
×8
AAAAh
5555h
AAAAh
02h
51h (T)
57h (B)
×16/×8
00h
MFR code
52h
×16
XXX02h
01 = protected
00 = unprotected
×8
XXX04h
Program
×16
4
5555h
AAh
2AAAh
55h
5555h
A0h
Program
Address
Program
Data
×8
AAAAh
5555h
AAAAh
Chip Erase
×16
6
5555h
AAh
2AAAh
55h
5555h
80h
5555h
AAh
2AAAh
55h
5555h
10h
×8
AAAAh
5555h
AAAAh
AAAAh
5555h
AAAAh
Sector Erase
×16
6
5555h
AAh
2AAAh
55h
5555h
80h
5555h
AAh
2AAAh
55h
Sector
Address
30h
×8
AAAAh
5555h
AAAAh
AAAAh
5555h
Sector Erase Suspend
1
XXXXh
B0h
Sector Erase Resume
1
XXXXh
30h


Similar Part No. - AS29F200

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
   5V 128K x 8 CMOS FLASH EEPROM
logo
Austin Semiconductor
AS29F010 AUSTIN-AS29F010 Datasheet
530Kb / 26P
   128K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
logo
Micross Components
AS29F010 MICROSS-AS29F010 Datasheet
871Kb / 26P
   Flexible sector architecture
logo
Alliance Semiconductor ...
AS29F010-120LC ALSC-AS29F010-120LC Datasheet
175Kb / 10P
   5V 128K x 8 CMOS FLASH EEPROM
AS29F010-120PC ALSC-AS29F010-120PC Datasheet
175Kb / 10P
   5V 128K x 8 CMOS FLASH EEPROM
More results

Similar Description - AS29F200

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
   5V 128K x 8 CMOS FLASH EEPROM
AS29F040 ALSC-AS29F040 Datasheet
341Kb / 18P
   5V 512K x 8 CMOS FLASH EEPROM
logo
Force Technologies Ltd
FT28C010-XXXXX-X FORCE-FT28C010-XXXXX-X Datasheet
2Mb / 30P
   128K x 8 Bit 5V EEPROM
logo
Macronix International
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
logo
Alliance Semiconductor ...
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B ALSC-AS7C1024B Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com