Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS29F040-70TC Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS29F040-70TC
Description  5V 512K x 8 CMOS FLASH EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F040-70TC Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS29F040-70TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS29F040-70TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS29F040-70TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS29F040-70TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS29F040-70TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS29F040-70TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS29F040-70TC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS29F040-70TC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS29F040-70TC Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
®
$65<)373
$65<)373
$65<)373
$65<)373
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
::::
0DUFK#5333
0DUFK#5333
0DUFK#5333
0DUFK#5333
6WDWXV#RSHUDWLRQV
:ULWH#RSHUDWLRQ#VWDWXV
DATA polling
(DQ7)
Only active during automated on-chip algorithms or sector erase time outs. DQ7 reflects complement
of data last written when read during the automated on-chip algorithm (0 during erase algorithm);
reflects true data when read after completion of an automated on-chip algorithm (1 after completion of
erase agorithm).
Toggle bit 1 (DQ6)
Active during automated on-chip algorithms or sector time outs. DQ6 toggles when CE or OE toggles,
or an Erase Resume command is invoked. When the automated on-chip algorithm is complete, DQ6
stops toggling and valid data can be read. DQ6 is valid after the rising edge of the fourth pulse of WE
during programming; after the rising edge of the sixth WE pulse during chip erase; after the last rising
edge of the sector erase WE pulse for sector erase. For protected sectors, DQ6 toggles for <1 µs during
writes, and <5 µs during erase (if all selected sectors are protected).
Exceeding time
limit (DQ5)
Indicates unsuccessful completion of program/erase operation (DQ5 = 1). DATA polling remains
active; CE powers the device down to 2 mA. If DQ5 = 1 during chip erase, all or some sectors are
defective; during sector erase, the sector is defective (in this case, reset the device and execute
a program or erase command sequence to continue working with functional sectors); during byte
programming, that particular byte is defective. Attempting to program 0 to 1 will set DQ5 = 1.
Sector erase timer
(DQ3)
Checks whether sector erase timer window is open. If DQ3 = 1, erase is in progress; no commands will
be accepted. If DQ3 = 0, the device will accept additional sector erase commands. Check DQ3 before
and after each Sector Erase command to verify that the command was accepted.
Toggle bit 2 (DQ2)
During sector erase, DQ2 toggles with OE or CE only during an attempt to read a sector being erased.
During chip erase, DQ2 toggles with OE or CE for all addresses. If DQ5 = 1, DQ2 toggles only at sector
addresses where failure occurred, and will not toggle at other sector addresses. Use DQ2 in conjunction
with DQ6 to determine whether device is in auto erase or erase suspend mode.
Status
DQ7
DQ6
DQ5
DQ3
DQ2
In progress
Auto programming (byte)
DQ7
Toggle
0
0
No toggle
Program/erase in auto erase
0
Toggle
0
1
Toggle*
*
Toggles with
OE or CE only for erasing or erase suspended sector addresses.
Erase
suspend
mode
Read erasing sector
1
No toggle
0
0
Toggle
Read non-erasing
sector
Data
Data
Data
Data
Data
Program in erase
suspend
DQ7
Toggle
0
0
Toggle
*
Exceeded time limits
Auto programming (byte)
DQ7
Toggle
1
0
No toggle
Program/erase in auto erase
0
Toggle
1
1
Toggle
Toggles with
OE or CE only for erasing or erase suspended sector addresses.
Program in erase suspend
DQ7
Toggle
1
0
No toggle


Similar Part No. - AS29F040-70TC

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS29F040 AUSTIN-AS29F040 Datasheet
1Mb / 27P
   512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
logo
Micross Components
AS29F040 MICROSS-AS29F040 Datasheet
598Kb / 27P
   Sector protection
logo
Austin Semiconductor
AS29F040CW-120/883C AUSTIN-AS29F040CW-120/883C Datasheet
1Mb / 27P
   512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
AS29F040CW-120/IT AUSTIN-AS29F040CW-120/IT Datasheet
1Mb / 27P
   512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
AS29F040CW-120/Q AUSTIN-AS29F040CW-120/Q Datasheet
1Mb / 27P
   512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
More results

Similar Description - AS29F040-70TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
   5V 128K x 8 CMOS FLASH EEPROM
AS29F200 ALSC-AS29F200 Datasheet
375Kb / 20P
   5V 256K x 8/128K x 8 CMOS FLASH EEPROM
AS29LV400 ALSC-AS29LV400 Datasheet
227Kb / 25P
   3V 512K x 8/256K 횞 16 CMOS Flash EEPROM
logo
Winbond
W29C040 WINBOND-W29C040 Datasheet
261Kb / 20P
   512K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
Austin Semiconductor
AS8E512K8 AUSTIN-AS8E512K8_05 Datasheet
150Kb / 13P
   512K x 8 EEPROM EEPROM Module
AS8E512K8 AUSTIN-AS8E512K8 Datasheet
157Kb / 13P
   512K x 8 EEPROM EEPROM Module
logo
ATMEL Corporation
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com