Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C34096A-20TC Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C34096A-20TC
Description  3.3V 512K x 8 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C34096A-20TC Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C34096A-20TC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C34096A-20TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C34096A-20TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C34096A-20TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C34096A-20TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C34096A-20TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C34096A-20TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C34096A-20TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C34096A-20TC Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
®
AS7C34096A
8/17/04, v. 2.1
Alliance Semiconductor
P. 5 of 9
Write waveform 1 (WE controlled)10
Write cycle (over the operating range)10
Parameter
Symbol
–10
–12
–15
–20
Unit Notes
Min
Max
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
10–12–
15–20–
ns
Chip enable (CE) to write end
tCW
7
8
10–12–
ns
Address setup to write end
tAW
7
8
10–12–
ns
Address setup time
tAS
0–0
–0–
0–
ns
Write pulse width (OE = high)
tWP1
7
8
10–12–
ns
Write pulse width (OE = low
tWP2
10–12–
15–20–
ns
Address hold from end of write
tAH
0–0
–0–
0–
ns
Write recovery time
tWR
0–0
–0–
0–
ns
Data valid to write end
tDW
5–6
–7–
9–
ns
Data hold time
tDH
0–0
–0–
0–
ns
4, 5
Write enable to output in high Z
tWZ
050
607
09
ns
4, 5
Output active from write end
tOW
3–3
–3–
3–
ns
4, 5
tAW
tAH
tWC
Address
WE
DOUT
tDH
tOW
tDW
tWZ
tWP
tAS
Data valid
DIN
tWR


Similar Part No. - AS7C34096A-20TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34096A-8TIN ALSC-AS7C34096A-8TIN Datasheet
681Kb / 11P
   Fully static operation
More results

Similar Description - AS7C34096A-20TC

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
   512K X 8-bit CMOS SRAM
logo
Alliance Semiconductor ...
AS7C4096A ALSC-AS7C4096A Datasheet
324Kb / 10P
   5.0V 512K x 8 CMOS SRAM
logo
List of Unclassifed Man...
AS6VA5128 ETC-AS6VA5128 Datasheet
151Kb / 9P
   2.7V to 3.3V 512K X 8 Intelliwatt low-power CMOS SRAM
logo
Alliance Semiconductor ...
AS7C32096A ALSC-AS7C32096A Datasheet
194Kb / 9P
   3.3V 256K x 8 CMOS SRAM
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
   3.3V 128K X 8 CMOS SRAM
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
   512K x 8 SRAM
logo
AMIC Technology
A62S9308 AMICC-A62S9308 Datasheet
276Kb / 17P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UC62LS4008 ETC1-UC62LS4008 Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
logo
Maxwell Technologies
33C408 MAXWELL-33C408 Datasheet
241Kb / 12P
   4 Megabit (512K x 8-Bit) CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com