Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E95 Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # E95
Description  Engineering Catalog 169
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E95 Datasheet(HTML) 1 Page - Gilway Technical Lamp

  E95 Datasheet HTML 1Page - Gilway Technical Lamp E95 Datasheet HTML 2Page - Gilway Technical Lamp E95 Datasheet HTML 3Page - Gilway Technical Lamp E95 Datasheet HTML 4Page - Gilway Technical Lamp E95 Datasheet HTML 5Page - Gilway Technical Lamp E95 Datasheet HTML 6Page - Gilway Technical Lamp E95 Datasheet HTML 7Page - Gilway Technical Lamp E95 Datasheet HTML 8Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
B
A
Surface Mount LEDs, SOT-23 Package
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum
Typical
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
1
E40
Clear
1.0mcd
3.5mcd
140°
2.1V
2.8V
635nm
A
2
E41
Clear
1.0mcd
3.0mcd
140°
2.1V
2.8V
585nm
A
3
E42
Clear
1.0mcd
3.0mcd
140°
2.1V
2.8V
565nm
A
Tape & Reel packaging is standard, 3,000 LEDs per reel
Recommended soldering pad, see page 84, number 1
GREEN
YELLOW
RED
Surface Mount, Bi-Color LEDs, SOT-23 Package
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Minimum
Typical
2
θθθθθ½
Typical Maximum
at 20mA
Terminals
Drawing
4
E43
1mcd
3mcd
140°
2.1V
2.8V
635nm
1.Red Cathode
B
1mcd
3mcd
140°
2.2V
2.5V
565nm
2.Green Cathode
3.Anode
5
E44
1mcd
3mcd
140°
2.1V
2.8V
635nm
1.Red Cathode
B
1mcd
3mcd
140°
2.2V
2.5V
585nm
2.Yellow Cathode
3.Anode
6
E45
1mcd
3mcd
140°
2.1V
2.8V
565nm
1.Yellow Cathode
B
1mcd
3mcd
140°
2.2V
2.5V
585nm
2.Green Cathode
3.Anode
Tape & Reel packaging is standard, 3,000 LEDs per reel.
Recommended soldering pad, see page 84, number 1
RED &
GREEN
GREEN &
YELLOW
RED &
YELLOW
53


Similar Part No. - E95

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E95 OMRON-E95 Datasheet
147Kb / 9P
   Omron Date Codes
E95 OMRON-E95 Datasheet
147Kb / 9P
   Omron Date Codes
logo
Energizer
E95 ENERGIZER-E95 Datasheet
176Kb / 1P
   Industry Standard Dimensions
logo
Tyco Electronics
E95798-000 MACOM-E95798-000 Datasheet
652Kb / 24P
   RAYCHEM Tubing Products
More results

Similar Description - E95

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E169 GILWAY-E169 Datasheet
7Mb / 4P
   Engineering Catalog 169
E164 GILWAY-E164 Datasheet
45Kb / 1P
   Engineering Catalog 169
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com