Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E199 Datasheet(PDF) 4 Page - Gilway Technical Lamp

Part # E199
Description  Engineering Catalog 169
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E199 Datasheet(HTML) 4 Page - Gilway Technical Lamp

  E199 Datasheet HTML 1Page - Gilway Technical Lamp E199 Datasheet HTML 2Page - Gilway Technical Lamp E199 Datasheet HTML 3Page - Gilway Technical Lamp E199 Datasheet HTML 4Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
T-1¾ Full Color LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
90mcd
200mcd
15°
2.0V
2.5V
625nm
3
E1000
Clear
50mcd
90mcd
15°
2.2V
2.5V
565nm
C
12.5mcd
40mcd
15°
4.5V
5.5V
430nm
Diffused
20.0mcd
90.0mcd
30°
2.0V
2.5V
625nm
4
E1001
White
20.0mcd
70.0mcd
30°
2.2V
2.5V
565nm
C
3.2mcd
12.5mcd
30°
4.5V
5.5V
430nm
O WHITE
O WHITE
C
T-1 and T-1¾, Mega Bright White LEDs
Luminous Intensity
Viewing
Forward Voltage
Reverse
Chromaticity
Line
Part
at 20mA
Angle
at 20mA
Current
Coordinates
No.
No.
Size
Lens
Minimum
Typical
2
θθθθθ½
Typical
Maximum
(V
R=5.0V)
X Typ. Y Typ.
Drawing
1
E1004
T-1
Clear
3900mcd
4600mcd
25°
3.6V
4.0V
50µA
0.31
0.32
A
2
E1003
T-1¾
Clear
7800mcd
9200mcd
15°
3.6V
4.0V
50µA
0.31
0.32
B
WHITE
WHITE
A
B


Similar Part No. - E199

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1991B KEYSIGHT-E1991B Datasheet
512Kb / 6P
   For use with the 8960 Series 10 (E5515C) Wireless Communications Test Set
E1993A KEYSIGHT-E1993A Datasheet
719Kb / 40P
   W-CDMA Mobile Test Application
E1996A KEYSIGHT-E1996A Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
E1999A KEYSIGHT-E1999A Datasheet
512Kb / 6P
   E1999A-202 Enhanced Fast Device Tune
More results

Similar Description - E199

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E40 GILWAY-E40 Datasheet
1,012Kb / 8P
   Engineering Catalog 169
E164 GILWAY-E164 Datasheet
45Kb / 1P
   Engineering Catalog 169
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com