Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS9C25512M2018L-166BC Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS9C25512M2018L-166BC
Description  2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS9C25512M2018L-166BC Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS9C25512M2018L-166BC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS9C25512M2018L-166BC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS9C25512M2018L-166BC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS9C25512M2018L-166BC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS9C25512M2018L-166BC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS9C25512M2018L-166BC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS9C25512M2018L-166BC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS9C25512M2018L-166BC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS9C25512M2018L-166BC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
AS9C25512M2018L
AS9C25256M2018L
9/24/04, v.1.2
Alliance Semiconductor
P. 4 of 30
®
Ball Assignment - 256-ball BGA
Note:
1. Address A18 is a NC for AS9C25256M2018L
1234
56789
10
11
12
13
14
15
16
A
NC
TDI
NC
A17A
A14A
A11A
A8A
NC
CE1A
OEA
INCA
A5A
A2A
A0A
NC
NC
A
BINTA
NC
TDO
A18[1]A A15A
A12A
A9A
BE1A
CE0A
R/WA
RPTA
A4A
A1A
VDD
NC
NC
B
CCOLA
DQ9A
VSS
A16A
A13A
A10A
A7A
NC
BE0A
CLKA
ADSA
A6A
A3A
OPTA
NC
DQ8A
C
D
NC
DQ9B
NC
PL/FTA VDDQA VDDQA VDDQB VDDQB VDDQA VDDQA VDDQB VDDQB VDD
NC
NC
DQ8B
D
E
DQ10B DQ10A
NC
VDDQA VDD
VDD
NC
VSS
VSS
VSS
VDD
VDD
VDDQB
NC
DQ7A
DQ7B
E
F
DQ11A
NC
DQ11B VDDQA VDD
NC
NC
VSS
VSS
VSS
VSS
VDD
VDDQB DQ6B
NC
DQ6A
F
G
NC
NC
DQ12A VDDQB VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDDQA DQ5A
NC
NC
G
H
NC
DQ12B
NC
VDDQB VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDDQA
NC
NC
DQ5B
H
J
DQ13A DQ14B DQ13B VDDQA ZZB
VSS
VSS
VSS
VSS
VSS
VSS
ZZA VDDQB DQ4B
DQ3B
DQ4A
J
K
NC
NC
DQ14A VDDQA VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDDQB
NC
NC
DQ3A
K
L
DQ15A
NC
DQ15B VDDQB VDD
NC
NC
VSS
VSS
VSS
VSS
VDD VDDQA DQ2A
NC
DQ2B
L
M
DQ16B DQ16A
NC
VDDQB VDD
VDD
NC
VSS
VSS
VSS
VDD
VDD VDDQA DQ1B
DQ1A
NC
M
N
NC
DQ17B
NC
PL/FTB VDDQB VDDQB VDDQA VDDQA VDDQB VDDQB VDDQA VDDQA VDD
NC
DQ0B
NC
N
PCOLB DQ17A
TMS
A16B
A13B
A10B
A7B
NC
BE0B
CLKB
ADSB
A6B
A3B
NC
NC
DQ0A
P
RINTB
NC
TRST
A18[1]B A15B
A12B
A9B
BE1B
CE0B
R/WB
RPTB
A4B
A1B
OPTB
NC
NC
R
T
NC
TCK
NC
A17B
A14B
A11B
A8B
NC
CE1B
OEB
INCB
A5B
A2B
A0B
NC
NC
T
1234
56789
10
11
12
13
14
15
16
AS9C25512M2018L/AS9C25256M2018L
B - 256
Top view


Similar Part No. - AS9C25512M2018L-166BC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS9C25128M2036L-133BC ALSC-AS9C25128M2036L-133BC Datasheet
1Mb / 30P
   2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
AS9C25128M2036L-133BI ALSC-AS9C25128M2036L-133BI Datasheet
1Mb / 30P
   2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
AS9C25128M2036L-133FC ALSC-AS9C25128M2036L-133FC Datasheet
1Mb / 30P
   2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
AS9C25128M2036L-133FI ALSC-AS9C25128M2036L-133FI Datasheet
1Mb / 30P
   2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
AS9C25128M2036L-133PC ALSC-AS9C25128M2036L-133PC Datasheet
1Mb / 30P
   2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
More results

Similar Description - AS9C25512M2018L-166BC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS9C25256M2036L ALSC-AS9C25256M2036L Datasheet
1Mb / 30P
   2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
logo
Renesas Technology Corp
70T3339 RENESAS-70T3339 Datasheet
628Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3399 IDT-IDT70T3399 Datasheet
485Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T633 RENESAS-70T633 Datasheet
513Kb / 28P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
AUGUST 2019
logo
Integrated Device Techn...
IDT70T633 IDT-IDT70T633 Datasheet
342Kb / 27P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
logo
Renesas Technology Corp
70V7319 RENESAS-70V7319 Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V7319S IDT-IDT70V7319S Datasheet
621Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3539M IDT-IDT70T3539M Datasheet
421Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3509M IDT-IDT70T3509M Datasheet
259Kb / 23P
   HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
List of Unclassifed Man...
IDT70T3509MS133BPI ETC2-IDT70T3509MS133BPI Datasheet
275Kb / 23P
   HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com