Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM706CUAF Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM706CUAF
Description  Low Power uP Supervisor Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM706CUAF Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM706CUAF Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM706CUAF Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM706CUAF Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM706CUAF Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM706CUAF Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM706CUAF Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM706CUAF Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM706CUAF Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM706CUAF Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4 of 16
Notice: The information in this document is subject to change without notice
Low Power µP Supervisor Circuits
ASM705 / 706 / 707 / 708
ASM813L
rev 1.5
February 2005
Detailed Description
A
proper
reset
input
enables
a
microprocessor
/
microcontroller to start in a known state. ASM70X and
ASM813L assert reset to prevent code execution errors
during power-up, power-down and brown-out conditions.
RESET/RESET Timing
The RESET/RESET signals are designed to start a µP/µC in
a known state or return the system to a known state.
The ASM707/708 have two reset outputs, one active-HIGH
RESET and one active-LOW RESET output. The ASM813L
has only an active-HIGH output. RESET is simply the
complement of RESET.
RESET is guaranteed to be LOW with VCC above 1.2V.
During a power-up sequence, RESET remains low until the
supply rises above the threshold level, either 4.65V or 4.40V.
RESET goes high approximately 200ms after crossing the
threshold.
During power-down, RESET goes LOW as VCC falls below
the threshold level and is guaranteed to be under 0.4V with
VCC above 1.2V.
In a brownout situation where VCC falls below the threshold
level, RESET pulses low. If a brown-out occurs during an
already initiated reset, the pulse will continue for a minimum
of 140ms.
Power Failure Detection With Auxiliary Comparator
All devices have an auxiliary comparator with 1.25V trip point
and uncommitted output (PFO) and noninverting input (PFI).
This comparator can be used as a supply voltage monitor
with an external resistor voltage divider. The attenuated
voltage at PFI should be set just below the 1.25 threshold. As
the supply level falls, PFI is reduced causing the PFO output
to transit LOW. Normally PFO interrupts the processor so the
system can be shut down in a controlled manner.
Manual Reset (MR)
The active-LOW manual reset input is pulled high by a 250µA
pull-up current and can be driven low by CMOS/TTL logic or
a mechanical switch to ground. An external debounce circuit
is unnecessary since the 140ms minimum reset time will
debounce mechanical pushbutton switches.
By connecting the watchdog output (WDO) and MR, a
watchdog timeout forces RESET to be generated. The
ASM813L should be used when an active-HIGH RESET is
required.
Watchdog Timer
The watchdog timer available on the ASM705/706/813L
monitors µP/µC activity. An output line on the processor is
used to toggle the WDI line. If this line is not toggled within
1.6 seconds, the internal timer puts the watchdog output,
WDO, into a LOW state. WDO will remain LOW until a toggle
is detected at WDI.
If WDI is floated or connected to a three-stated circuit, the
watchdog function is disabled, meaning, it is cleared and not
counting. The watchdog timer is also disabled if RESET is
asserted. When RESET becomes inactive and the WDI input
sees a high or low transition as short as 50ns, the watchdog
timer will begin a 1.6 second countdown. Additional
Figure 1: WDI Three-state operation
5V
VCC
RESET
MR
WDO
5V
5V
5V
0V
0V
0V
0V
MR externally
set low
tMD
tMR
tRS
VRT
tRS


Similar Part No. - ASM706CUAF

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM706CUAF PULSECORE-ASM706CUAF Datasheet
285Kb / 15P
   Low Power 關P Supervisor Circuits
More results

Similar Description - ASM706CUAF

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM705 ALSC-ASM705 Datasheet
190Kb / 15P
   Low Power UP Supervisor Circuits
logo
Pericom Semiconductor C...
PT7A7511-15 PERICOM-PT7A7511-15 Datasheet
370Kb / 9P
   uP Supervisor Circuits
logo
List of Unclassifed Man...
STC809 ETC1-STC809 Datasheet
110Kb / 13P
   UP Supervisor Circuits
STC705 ETC1-STC705 Datasheet
58Kb / 7P
   UP Supervisor Circuits
logo
ON Semiconductor
ASM705 ONSEMI-ASM705 Datasheet
180Kb / 13P
   Low Power P Supervisor Circuits
August, 2011 ??Rev. 3
logo
IMP, Inc
IMP705 IMP-IMP705 Datasheet
167Kb / 9P
   LOW-POWER 關P SUPERVISOR CIRCUITS
logo
PulseCore Semiconductor
ASM705 PULSECORE-ASM705 Datasheet
285Kb / 15P
   Low Power 關P Supervisor Circuits
logo
Alliance Semiconductor ...
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
logo
Pericom Semiconductor C...
PT7A7511 PERICOM-PT7A7511_14 Datasheet
311Kb / 8P
   Supervisor Circuits
logo
Micrel Semiconductor
MIC2776 MICREL-MIC2776_05 Datasheet
161Kb / 8P
   Micro-Power Low Voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com