Electronic Components Datasheet Search |
|
ASM2I20805AG-20-AT Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation |
|
ASM2I20805AG-20-AT Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation |
3 / 11 page June 2005 ASM2P20805A rev 0.2 2.5V CMOS Dual 1-To-5 Clock Driver 3 of 11 Notice: The information in this document is subject to change without notice. Absolute Maximum Ratings Symbol Description Max Unit VCC Input Power Supply Voltage -0.5 to +4.6 V VI Input Voltage -0.5 to +5.5 V VO Output Voltage -0.5 to VCC+0.5 V TJ Junction Temperature 150 °C Ts Max. Soldering Temperature (10 sec) 260 °C TSTG Storage Temperature -65 to +165 ° C TDV Static Discharge Voltage (As per JEDEC STD 22- A114-B) 2 KV Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect device reliability. DC Electrical Characteristics over Operating Range Following Conditions Apply Unless Otherwise Specified Industrial: TA = -40°C to +85°C, VCC = 2.5V ± 0.2V Symbol Parameter Test Conditions 1 Min Typ 2 Max Unit VIH Input HIGH Level 1.7 - 5.5 V VIL Input LOW Level -0.5 - 0.7 V IIH Input HIGH Current VCC= Max. VI = 5.5V - - ±1 IIL Input LOW Current VCC= Max. VI = GND - - ±1 IOZH VO = VCC - - ±1 IOZL High Impedance Output Current (3-State Outputs Pins) VCC= Max. VO = GND - - ±1 µA VIK Clamp Diode Voltage VCC= Min., IIN = -18mA - -0.7 -1.2 V IODH Output HIGH Current VCC= 2.5V, VIN = VIH or VIL, VO = 1.25V 3,4 -15 -35 -90 mA IODL Output LOW Current VCC= 2.5V, VIN = VIH or VIL, VO = 1.25V 3,4 25 55 100 mA IOS Short Circuit Current VCC= Max., VO = GND 3,4 -30 -50 -120 mA IOH= -8mA 1.7 5 - - VOH Output HIGH Voltage VCC= Min. VIN = VIH or VIL IOH= -100µA VCC - 0.2 - - V IOL= 8mA - 0.2 0.4 VOL Output LOW Voltage VCC= Min. VIN = VIH or VIL IOL= 100µA - - 0.2 V Notes: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 2.5V, 25°C ambient. 3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second. 4. This parameter is guaranteed but not tested. 5. VOH = VCC -0.6V at rated current. |
Similar Part No. - ASM2I20805AG-20-AT |
|
Similar Description - ASM2I20805AG-20-AT |