Electronic Components Datasheet Search |
|
ASM3P2180A-08SR Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation |
|
ASM3P2180A-08SR Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation |
3 / 7 page Peak Reducing EMI Solution 3 of 7 September 2004 ASM3P2180A rev 1.0 Notice: The information in this document is subject to change without notice. Absolute Maximum Ratings Symbol Parameter Rating Unit VDD, VIN Voltage on any pin with respect to GND -0.5 to + 7.0 V TSTG Storage temperature -65 to +125 °C TA Operating temperature 0 to 70 °C Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliability. DC Electrical Characteristics Symbol Parameter Min Typ Max Unit VIL Input low voltage GND – 0.3 - 0.8 V VIH Input high voltage 2.0 - VDD + 0.3 V IIL Input low current (pull-up resistors on inputs SS%, FS1) - - -27 µA IIH Input high current - - 18 µA IXOL XOUT output low current (@ 0.4V, VDD = 3.3V) - 3 - mA IXOH XOUT output high current (@2.5V, VDD = 3.3V) - 4 - mA VOL Output low voltage (VDD = 3.3V, IOL = 4mA) - - 0.4 V VOH Output high voltage (VDD = 3.3V, IOH = 4mA) 2.5 - - V ICC Dynamic supply current normal mode (3.3V and 10pF loading) 8 21 35 mA IDD Static supply current standby mode - 0.8 - µA VDD Operating voltage 2.8 3.3 3.7 V tON Power up time (first locked clock cycle after power up) - 0.18 - mS ZOUT Clock output impedance - 50 - Ω AC Electrical Characteristics Symbol Parameter Min Typ Max Unit CLKIN Input frequency 6 - 30 MHz CLKOUT Output frequency 6 - 30 MHz tLH* Output rise time (measured at 0.8V to 2.0V) 1.2 1.3 1.4 nS tHL* Output fall time (measured at 2.0V to 0.8V) 0.8 0.9 1.0 nS tJC Jitter (cycle to cycle) - - 325 pS tD Output duty cycle 45 50 55 % *tLH and tHL are measured into a capacitive load of 15pF |
Similar Part No. - ASM3P2180A-08SR |
|
Similar Description - ASM3P2180A-08SR |