Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2183A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM3P2183A
Description  EMI Reduction IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2183A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM3P2183A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2183A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2183A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2183A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2183A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2183A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2183A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2183A Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
September 2003
ASM3P2183A
rev 1.0
LCD Panel EMI Reduction IC
4 of 8
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
-0.5 to + 7.0
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to 70
°C
Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum
ratings for extended periods may affect device reliability.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND – 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD + 0.3
V
IIL
Input low current
-
-
-35
µA
IIH
Input high current
-
-
35
µA
IXOL
XOUT Output low current
(@ 0.4V, VDD = 3.3V)
-
TBD
-
mA
IXOH
XOUT Output high current
(@ 2.5V, VDD = 3.3V)
-
TBD
-
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 20mA)
-
-
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 20mA)
2.5
-
-
V
ICC
Dynamic supply current
Normal mode (3.3V and 10pF loading)
8.46
12
17.78
mA
IDD
Static supply current
Standby mode
0.6
mA
VDD
Operating voltage
2.7
3.3
3.7
V
tON
Power up time (first locked clock cycle after power up)
-
0.18
-
mS
ZOUT
Clock out impedance
-
50
-


Similar Part No. - ASM3P2183A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2183A PULSECORE-ASM3P2183A Datasheet
189Kb / 8P
   EMI Reduction IC
logo
ON Semiconductor
ASM3P2183A ONSEMI-ASM3P2183A Datasheet
121Kb / 6P
   EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2183A-08SR PULSECORE-ASM3P2183A-08SR Datasheet
189Kb / 8P
   EMI Reduction IC
logo
ON Semiconductor
ASM3P2183A-08SR ONSEMI-ASM3P2183A-08SR Datasheet
121Kb / 6P
   EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2183A-08ST PULSECORE-ASM3P2183A-08ST Datasheet
189Kb / 8P
   EMI Reduction IC
More results

Similar Description - ASM3P2183A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2185A ALSC-ASM3P2185A Datasheet
388Kb / 7P
   EMI Reduction IC
ASM3P2185B ALSC-ASM3P2185B Datasheet
174Kb / 7P
   EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2183A PULSECORE-ASM3P2183A Datasheet
189Kb / 8P
   EMI Reduction IC
logo
ON Semiconductor
ASM3P2183A ONSEMI-ASM3P2183A Datasheet
121Kb / 6P
   EMI Reduction IC
August, 2011 ??Rev. 3
P2041A ONSEMI-P2041A Datasheet
112Kb / 7P
   Versatile EMI Reduction IC
August, 2011 ??Rev. 2
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
   Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P73Z01AW ONSEMI-PCS3P73Z01AW Datasheet
202Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2041A ALSC-P2041A Datasheet
285Kb / 9P
   Versatile EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com