Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBF4393LT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBF4393LT1
Description  JFET Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBF4393LT1 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBF4393LT1 Datasheet HTML 1Page - ON Semiconductor MMBF4393LT1 Datasheet HTML 2Page - ON Semiconductor MMBF4393LT1 Datasheet HTML 3Page - ON Semiconductor MMBF4393LT1 Datasheet HTML 4Page - ON Semiconductor MMBF4393LT1 Datasheet HTML 5Page - ON Semiconductor MMBF4393LT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBF4391LT1, MMBF4392LT1, MMBF4393LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Gate−Source Breakdown Voltage
(IG = 1.0 mAdc, VDS = 0)
V(BR)GSS
30
Vdc
Gate Reverse Current
(VGS = 15 Vdc, VDS = 0, TA = 25°C)
(VGS = 15 Vdc, VDS = 0, TA = 100°C)
IGSS
1.0
0.20
nAdc
mAdc
Gate−Source Cutoff Voltage
(VDS = 15 Vdc, ID = 10 nAdc)
MMBF4391LT1
MMBF4392LT1
MMBF4393LT1
VGS(off)
−4.0
−2.0
−0.5
−10
−5.0
−3.0
Vdc
Off−State Drain Current
(VDS = 15 Vdc, VGS = −12 Vdc)
(VDS = 15 Vdc, VGS = −12 Vdc, TA = 100°C)
ID(off)
1.0
1.0
nAdc
mAdc
ON CHARACTERISTICS
Zero−Gate−Voltage Drain Current
(VDS = 15 Vdc, VGS = 0)
MMBF4391LT1
MMBF4392LT1
MMBF4393LT1
IDSS
50
25
5.0
150
75
30
mAdc
Drain−Source On−Voltage
(ID = 12 mAdc, VGS = 0)
MMBF4391LT1
(ID = 6.0 mAdc, VGS = 0)
MMBF4392LT1
(ID = 3.0 mAdc, VGS = 0)
MMBF4393LT1
VDS(on)
0.4
0.4
0.4
Vdc
Static Drain−Source On−Resistance
(ID = 1.0 mAdc, VGS = 0)
MMBF4391LT1
MMBF4392LT1
MMBF4393LT1
rDS(on)
30
60
100
W
SMALL−SIGNAL CHARACTERISTICS
Input Capacitance
(VDS = 15 Vdc, VGS = 0, f = 1.0 MHz)
Ciss
14
pF
Reverse Transfer Capacitance
(VDS = 0, VGS = 12 Vdc, f = 1.0 MHz)
Crss
3.5
pF
ORDERING INFORMATION
Device
Marking
Package
Shipping
MMBF4391LT1
6J
SOT−23
MMBF4391LT1G
6J
SOT−23
(Pb−Free)
MMBF4392LT1
6K
SOT−23
3000 / Tape & Reel
MMBF4393LT1
6G
SOT−23
MMBF4393LT1G
6G
SOT−23
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MMBF4393LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBF4393LT1 MOTOROLA-MMBF4393LT1 Datasheet
139Kb / 6P
   JFET Switching Transistors
logo
ON Semiconductor
MMBF4393LT1 ONSEMI-MMBF4393LT1 Datasheet
82Kb / 6P
   JFET Switching Transistors N-Channel
January, 2006 ??Rev. 5
MMBF4393LT1G ONSEMI-MMBF4393LT1G Datasheet
82Kb / 6P
   JFET Switching Transistors N-Channel
January, 2006 ??Rev. 5
MMBF4393LT1G ONSEMI-MMBF4393LT1G Datasheet
176Kb / 6P
   JFET Switching Transistors
October, 2009 ??Rev. 7
MMBF4393LT1G ONSEMI-MMBF4393LT1G Datasheet
134Kb / 6P
   JFET Switching Transistors
May, 2012 ??Rev. 10
More results

Similar Description - MMBF4393LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBF4391LT1 MOTOROLA-MMBF4391LT1 Datasheet
139Kb / 6P
   JFET Switching Transistors
logo
ON Semiconductor
MMBF4391LT1G ONSEMI-MMBF4391LT1G_09 Datasheet
176Kb / 6P
   JFET Switching Transistors
October, 2009 ??Rev. 7
MMBF4391LT1G ONSEMI-MMBF4391LT1G_12 Datasheet
134Kb / 6P
   JFET Switching Transistors
May, 2012 ??Rev. 10
MMBF4393LT3G ONSEMI-MMBF4393LT3G Datasheet
134Kb / 6P
   JFET Switching Transistors
May, 2012 ??Rev. 10
MPF4392 ONSEMI-MPF4392_12 Datasheet
126Kb / 6P
   JFET Switching Transistors
February, 2012 ??Rev. 6
MMBF4391L ONSEMI-MMBF4391L Datasheet
180Kb / 6P
   JFET Switching Transistors
October, 2016 ??Rev. 12
MMBF4391LT1 ONSEMI-MMBF4391LT1_06 Datasheet
82Kb / 6P
   JFET Switching Transistors N-Channel
January, 2006 ??Rev. 5
MPF4392 ONSEMI-MPF4392_06 Datasheet
75Kb / 6P
   JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
logo
New Jersey Semi-Conduct...
2N5653 NJSEMI-2N5653 Datasheet
143Kb / 1P
   JFET SWITCHING
2N4856A NJSEMI-2N4856A Datasheet
196Kb / 2P
   JFET SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com