Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2474AG-08SR Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM3P2474AG-08SR
Description  Low Power Peak EMI Reducing Solution
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2474AG-08SR Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM3P2474AG-08SR Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2474AG-08SR Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2474AG-08SR Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2474AG-08SR Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2474AG-08SR Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2474AG-08SR Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2474AG-08SR Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2474AG-08SR Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3P2474AG-08SR Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
October 2005
ASM3P2474A
rev 1.0
Low Power Peak EMI Reducing Solution
2 of 10
Notice: The information in this document is subject to change without notice.
ModOUT
XOUT
1
2
3
4
5
6
ASM3P2474A
XIN / CLKIN
VDD
VSS
FSEL
VSS
ModOUT
XIN / CLKIN
NC
XOUT
1
2
3
4
5
6
7
8
ASM3P2474A
FSEL
NC
VDD
Pin Configuration (6-pin TSOT- 23 Package)
Pin Description
Pin#
Pin Name
Type
Description
1
FSEL
I
Selection Pin for 1X and 2X Output Frequency Options. Please refer the table
“Frequency Selection Options” for further details
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left unconnected.
3
XIN / CLKIN
I
Crystal connection or external reference frequency input. This pin has dual functions. It
can be connected either to an external crystal or an external reference clock.
4
VDD
P
Power supply for the entire chip.
5
ModOUT
O
Spread spectrum clock output.
6
VSS
P
Ground connection.
Pin Configuration (8-pin SOIC and TSSOP Packages)
Pin Description
Pin#
Pin Name
Type
Description
1
XIN/CLKIN
I
Crystal connection or external reference frequency input. This pin has dual functions. It
can be connected either to an external crystal or an external reference clock.
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left unconnected.
3
FSEL
I
Selection Pin for 1X and 2X Output Frequency Options. Please refer the table
“Frequency Selection Options” for further details
4
NC
-
No connect.
5
VSS
P
Ground connection.
6
ModOUT
O
Spread spectrum clock output.
7
NC
-
No connect.
8
VDD
P
Power supply for the entire chip.


Similar Part No. - ASM3P2474AG-08SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2474AG-08SR PULSECORE-ASM3P2474AG-08SR Datasheet
173Kb / 10P
   Low Power Peak EMI Reducing Solution
More results

Similar Description - ASM3P2474AG-08SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2598A PULSECORE-ASM3P2598A Datasheet
301Kb / 7P
   Low Power Peak EMI Reducing Solution
ASM3P2769A PULSECORE-ASM3P2769A Datasheet
190Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2779A PULSECORE-ASM3P2779A Datasheet
180Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2769A ONSEMI-ASM3P2769A Datasheet
128Kb / 9P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
ASM3P2870A ONSEMI-ASM3P2870A Datasheet
128Kb / 10P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM3P2870A ALSC-ASM3P2870A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2869A ALSC-ASM3P2869A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3P2775A PULSECORE-ASM3P2775A Datasheet
369Kb / 10P
   Low Power Peak EMI Reducing Solution
ASM3P2872A PULSECORE-ASM3P2872A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2879A PULSECORE-ASM3P2879A Datasheet
179Kb / 12P
   Low Power Peak Reducing EMI Solution
ASM3P2969A PULSECORE-ASM3P2969A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com