Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6071B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N6071B
Description  SENSITIVE GATE TRIAC 4.0 AMPS, 200 THRU 600 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N6071B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N6071B Datasheet HTML 1Page - Central Semiconductor Corp 2N6071B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N6071, A, B
2N6073, A, B
2N6075, A, B
SENSITIVE GATE TRIAC
4.0 AMPS, 200 THRU 600 VOLTS
TO-126 CASE
Central
Semiconductor Corp.
TM
R0 (27-April 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N6071, A, B
series types are silicon sensitive gate triacs
designed for such applications as light dimmers,
motor controls, heating controls and power
supplies.
MARKING CODE: FULL PART NUMBER
MAXIMUM RATINGS: (TJ=25°C unless otherwise noted)
2N6071
2N6073
2N6075
2N6071A
2N6073A
2N6075A
SYMBOL
2N6071B
2N6073B
2N6075B
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
200
400
600
V
RMS On-State Current (TC=85°C)
IT(RMS)
4.0
A
Peak One Cycle Surge (60Hz, TJ=110°C)
ITSM
30
A
I2t Value for Fusing (t=8.3ms)
I2t
3.7
A2s
Peak Gate Power (TC=85°C)
PGM
10
W
Average Gate Power (t=8.3ms, TC=85°C)
PG(AV)
0.5
W
Peak Gate Voltage (TC=85°C)
VGM
5.0
V
Storage Temperature
Tstg
-40 to +150
°C
Junction Temperature
TJ
-40 to +110
°C
Thermal Resistance
ΘJC
3.5
°C/W
Thermal Resistance
ΘJA
75
°C/W
Maximum Lead Temperature
TL
260
°C
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
A Series
B Series
SYMBOL
TEST CONDITIONS
TYP MAX
TYP MAX
TYP MAX
UNITS
IDRM, IRRM
VD=Rated VDRM, VRRM, TJ=25°C
10
10
10
µA
IDRM, IRRM
VD=Rated VDRM, VRRM, TJ=110°C
2.0
2.0
2.0
mA
IGT
VD=12V, RL=100Ω, QUAD I, TJ=25°C
30
5.0
3.0
mA
IGT
VD=12V, RL=100Ω, QUAD II, TJ=25°C
-
5.0
3.0
mA
IGT
VD=12V, RL=100Ω, QUAD III, TJ=25°C
30
5.0
3.0
mA
IGT
VD=12V, RL=100Ω, QUAD IV, TJ=25°C
-
10
5.0
mA
IGT
VD=12V, RL=100Ω, QUAD I, TJ= -40°C
60
20
15
mA
IGT
VD=12V, RL=100Ω, QUAD II, TJ= -40°C
-
20
15
mA
IGT
VD=12V, RL=100Ω, QUAD III, TJ= -40°C
60
20
15
mA
IGT
VD=12V, RL=100Ω, QUAD IV, TJ= -40°C
-
30
20
mA
IH
VD=12V, IT=1.0A, TJ=25°C
30
15
15
mA
IH
VD=12V, IT=1.0A, TJ= -40°C
70
30
30
mA
VGT
VD=12V, RL=100Ω, TJ=25°C, QUAD I, II, III, IV
2.0
2.0
2.0
V
VGT
VD=12V, RL=100Ω, TJ= -40°C, QUAD I, II, III, IV
2.5
2.5
2.5
V
VTM
ITM=6.0A
2.0
2.0
2.0
V
ton
ITM=14A, IGT=100mA
1.5
1.5
1.5
µs
dv/dt
VD= Rated VDRM, ITM=5.7A, TJ=85°C
5.0
5.0
5.0
V/µs


Similar Part No. - 2N6071B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6071B MOTOROLA-2N6071B Datasheet
118Kb / 6P
   TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
logo
ON Semiconductor
2N6071B ONSEMI-2N6071B Datasheet
119Kb / 8P
   Sensitive Gate Triacs
March, 2008 - Rev. 8
2N6071B ONSEMI-2N6071B Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
logo
Digitron Semiconductors
2N6071B DIGITRON-2N6071B Datasheet
980Kb / 4P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
2N6071B KERSEMI-2N6071B Datasheet
435Kb / 7P
   Sensitive Gate Triacs
More results

Similar Description - 2N6071B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CQ202-4BS CENTRAL-CQ202-4BS Datasheet
426Kb / 2P
   4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4BS-2 CENTRAL-CQ202-4BS-2 Datasheet
35Kb / 2P
   4.0 AMP TRIAC 200 THRU 800 VOLTS
CQD-4M CENTRAL-CQD-4M Datasheet
75Kb / 2P
   4.0 AMP TRIAC 600 THRU 800 VOLTS
CQ202-4M CENTRAL-CQ202-4M Datasheet
74Kb / 2P
   4.0 AMP TRIAC 600 THRU 800 VOLTS
CQ39BS CENTRAL-CQ39BS Datasheet
79Kb / 2P
   TRIAC 4.0 AMP, 200 THRU 800 VOLTS
CQ202-4B CENTRAL-CQ202-4B Datasheet
36Kb / 2P
   4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4BS CENTRAL-CQ202-4BS Datasheet
36Kb / 2P
   4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4M-2 CENTRAL-CQ202-4M-2 Datasheet
73Kb / 2P
   4.0 AMP TRIAC 600 THRU 800 VOLTS
CQ202-4B CENTRAL-CQ202-4B Datasheet
426Kb / 2P
   4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4BS-2 CENTRAL-CQ202-4BS-2 Datasheet
414Kb / 2P
   4.0 AMP TRIAC 200 THRU 800 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com