Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2760A Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM3P2760A
Description  Low Power Peak EMI Reducing Solution
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2760A Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM3P2760A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
September 2005
ASM3P2760A
rev 1.8
Low Power Peak EMI Reducing Solution
3 of 12
Notice: The information in this document is subject to change without notice.
Pin Configuration ( 8-pin SOIC and TSSOP Packages )
Pin Description
Pin#
Pin Name
Type
Description
1
XIN/CLKIN
I
Crystal connection or external reference frequency input. This pin has dual functions. It
can be connected either to an external crystal or an external reference clock.
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left unconnected.
3
PD
I
Power-down control pin. Pull low to enable power-down mode. Connect to VDD if not
used.
4
NC
-
No connect.
5
VSS
P
Ground connection.
6
ModOUT
O
Spread spectrum clock output.
7
NC
-
No connect.
8
VDD
P
Power supply for the entire chip
Modulation Profile
Specification
Description
Specification
For 2.5V Supply
6MHz < CLKIN < 12MHz
Frequency Range
For 3.3V Supply
6MHz < CLKIN < 13MHz
Modulation Equation
FIN/256
Frequency Deviation
±0.65% @ 8MHz
XIN/CLKIN
VSS
ModOUT
NC
XOUT
1
2
3
4
5
6
7
8
ASM3P2760A
PD
NC
VDD


Similar Part No. - ASM3P2760A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2760A PULSECORE-ASM3P2760A Datasheet
180Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760A ONSEMI-ASM3P2760A Datasheet
135Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2760AF-06OR PULSECORE-ASM3P2760AF-06OR Datasheet
180Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760AF-06OR ONSEMI-ASM3P2760AF-06OR Datasheet
135Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
ASM3P2760AF-06OR ONSEMI-ASM3P2760AF-06OR Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
More results

Similar Description - ASM3P2760A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2598A PULSECORE-ASM3P2598A Datasheet
301Kb / 7P
   Low Power Peak EMI Reducing Solution
ASM3P2769A PULSECORE-ASM3P2769A Datasheet
190Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2779A PULSECORE-ASM3P2779A Datasheet
180Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2769A ONSEMI-ASM3P2769A Datasheet
128Kb / 9P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
ASM3P2870A ONSEMI-ASM3P2870A Datasheet
128Kb / 10P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM3P2870A ALSC-ASM3P2870A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2869A ALSC-ASM3P2869A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3P2775A PULSECORE-ASM3P2775A Datasheet
369Kb / 10P
   Low Power Peak EMI Reducing Solution
ASM3P2872A PULSECORE-ASM3P2872A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2879A PULSECORE-ASM3P2879A Datasheet
179Kb / 12P
   Low Power Peak Reducing EMI Solution
ASM3P2969A PULSECORE-ASM3P2969A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com