Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5CVF857 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM5CVF857
Description  2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5CVF857 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM5CVF857 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5CVF857 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
August 2004
ASM5CVF857
rev 1.2
2.5V Wide-Range Frequency Clock Driver (60 MHz
– 200 MHz)
4 of 15
Notice: The information in this document is subject to change without notice.
Pin Description
Pin Number
Pin Name
Pin
Type
Pin Description
4, 11, 12, 15, 21, 28, 34, 38, 45
VDD
P
Power supply, 2.5V
1, 7, 8, 18, 24, 25, 31, 41, 42, 48
GND
P
Ground.
16
AVDD
P
Analog power supply, 2.5V.
17
AGND
P
Analog ground.
27, 29, 39, 44, 46, 22, 20, 10, 5, 3
CLKT(9:0)
O
“True” clock of differential pair outputs.
26, 30, 40, 43, 47, 23, 19, 9, 6, 2
CLKC(9:0)
O
“Complementary” clocks of differential pair outputs.
14
CLK_INC
I
“Complementary” reference clock input.
13
CLK_INT
I
“True” reference clock input.
33
FB_OUTC
O
“Complementary” feedback output dedicated for external
feedback. It switches at the same frequency as the CLK. This
output must be wired to FB_INC.
32
FB_OUTT
O
“True” feedback output dedicated for external feedback. It
switches at the same frequency as the CLK. This output must be
wired to FB_INT.
36
FB_INT
I
“True” feedback input provides feedback signal to the internal
PLL for synchronization with CLK_INT to eliminate phase error.
35
FB_INC
I
“Complementary” feedback input provides signal to the internal
PLL for synchronization with CLK_INC to eliminate phase error.
37
PDB
I
Power down. LVCMOS input.


Similar Part No. - ASM5CVF857

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
ASM51 CONNOR-WINFIELD-ASM51 Datasheet
88Kb / 2P
   ADVANCED CMOS SURFACE MOUNT
logo
List of Unclassifed Man...
ASM51AA ETC1-ASM51AA Datasheet
288Kb / 2P
   3.3V SURFACE MOUNT CRYSTALCLOCK OSCILLATORS
logo
Connor-Winfield Corpora...
ASM51AA CONNOR-WINFIELD-ASM51AA Datasheet
121Kb / 2P
   3.3V SURFACE MOUNT CRYSTAL CLOCK OSCILLATOR
ASM51AA-51.84 CONNOR-WINFIELD-ASM51AA-51.84 Datasheet
121Kb / 2P
   3.3V SURFACE MOUNT CRYSTAL CLOCK OSCILLATOR
ASM51R CONNOR-WINFIELD-ASM51R Datasheet
95Kb / 2P
   SM ACMOS ENABLE/ DISABLE TRISTATE OUTPUT
More results

Similar Description - ASM5CVF857

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93V857YL-025T ICST-ICS93V857YL-025T Datasheet
82Kb / 10P
   2.5V Wide Range Frequency Clock Driver
ICS95V857 ICST-ICS95V857_09 Datasheet
134Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857C ICST-ICS95V857C Datasheet
136Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
95V857 RENESAS-95V857 Datasheet
2Mb / 14P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
logo
Integrated Circuit Syst...
ICS95V857 ICST-ICS95V857 Datasheet
116Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
ICS95V2F857A RENESAS-ICS95V2F857A Datasheet
361Kb / 14P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
logo
Integrated Circuit Syst...
ICS93V857 ICST-ICS93V857 Datasheet
82Kb / 10P
   2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
logo
Renesas Technology Corp
ICS93V857 RENESAS-ICS93V857 Datasheet
277Kb / 12P
   2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
2019
ICS95V857C RENESAS-ICS95V857C Datasheet
141Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
12/16/05
logo
Integrated Device Techn...
ICS95V857 IDT-ICS95V857 Datasheet
134Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com