Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5I961C-32-LT Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # ASM5I961C-32-LT
Description  Low Voltage Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I961C-32-LT Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button ASM5I961C-32-LT Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I961C-32-LT Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I961C-32-LT Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I961C-32-LT Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I961C-32-LT Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I961C-32-LT Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I961C-32-LT Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5I961C-32-LT Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5I961C-32-LT Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
July 2005
ASM5I961C
rev 0.2
Low Voltage Zero Delay Buffer
7 of 15
Notice: The information in this document is subject to change without notice.
a step in the waveform, this step is caused by the
impedance mismatch seen looking into the driver. The
parallel combination of the 36Ω series resistor plus the
output
impedance
does
not
match
the
parallel
combination of the line impedances. The voltage wave
launched down the two lines will equal:
VL = VS ( Zo / (Rs + Ro +Zo))
Zo = 50
Ω || 50Ω
Rs = 36
Ω || 36Ω
Ro = 14
VL = 3.0 (25 / (18 + 14 + 25) = 3.0 (25 / 57)
= 1.31V
At the load end the voltage will double, due to the near
unity reflection coefficient, to 2.62V. It will then increment
towards the quiescent 3.0V in steps separated by one
round trip delay (in this case 4.0nS).
Figure 5. Single versus Dual Waveforms
Since this step is well above the threshold region it will
not cause any false clock triggering, however designers
may be uncomfortable with unwanted reflections on the
line. To better match the impedances when driving
multiple lines the situation in Figure 6. should be used. In
this case the series terminating resistors are reduced
such that when the parallel combination is added to the
output buffer impedance the line impedance is perfectly
matched.
14
Ω + 22Ω ║ 22Ω = 50Ω ║ 50Ω
25
Ω = 25Ω
Figure 6. Optimized Dual Line Termination
Using the ASM5I961C in zero-delay applications
Nested clock trees are typical applications for the
ASM5I961C. Designs using the ASM5I961C as LVCMOS
PLL fanout buffer with zero insertion delay will show
significantly lower clock skew than clock distributions
developed from CMOS fanout buffers. The external
feedback option of the ASM5I961C clock driver allows for
its use as a zero delay buffer. By using the QFB output as
a feedback to the PLL the propagation delay through the
device is virtually eliminated. The PLL aligns the
feedback clock output edge with the clock input reference
edge resulting a near zero delay through the device. The
maximum insertion delay of the device in zero-delay
applications is measured between the reference clock
input and any output. This effective delay consists of the
static phase offset, I/O jitter (phase or long-term jitter),
feedback path delay and the output-to-output skew error
relative to the feedback output.
Calculation of part-to-part skew
The ASM5I961C zero delay buffer supports applications
where critical clock signal timing can be maintained
across several devices. If the reference clock inputs of
two or more ASM5I961C are connected together, the
maximum overall timing uncertainty from the common
CCLK input to any output is:
tSK(PP) = t(ϕ) + tSK(O) + tPD, LINE(FB) + tJIT(ϕ) CF
This
maximum
timing
uncertainty
consist
of
4
components: static phase offset, output skew, feedback
board trace delay and I/O (phase) jitter:
Figure 7. ASM5I961C max. device-to-device skew
Due to the statistical nature of I/O jitter a rms value (1
σ) is
specified. I/O jitter numbers for other confidence factors
(CF) can be derived from Table 8.
ASM5I961C
OUTPUT BUFFER
14Ω
IN
Z0=50Ω
RS=22Ω
Z0=50Ω
RS=22Ω


Similar Part No. - ASM5I961C-32-LT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I961P ALSC-ASM5I961P Datasheet
625Kb / 14P
   Low Voltage Zero Delay Buffer
ASM5I961P-32LR ALSC-ASM5I961P-32LR Datasheet
625Kb / 14P
   Low Voltage Zero Delay Buffer
ASM5I961PG-32LR ALSC-ASM5I961PG-32LR Datasheet
625Kb / 14P
   Low Voltage Zero Delay Buffer
More results

Similar Description - ASM5I961C-32-LT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I961P ALSC-ASM5I961P Datasheet
625Kb / 14P
   Low Voltage Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I961C PULSECORE-PCS5I961C Datasheet
628Kb / 14P
   Low Voltage Zero Delay Buffer
logo
Renesas Technology Corp
MPC961P RENESAS-MPC961P Datasheet
587Kb / 14P
   Low Voltage Zero Delay Buffer
October 4, 2016
logo
PulseCore Semiconductor
PCS5I961P PULSECORE-PCS5I961P Datasheet
626Kb / 14P
   Low Voltage Zero Delay Buffer
logo
Motorola, Inc
MPC961C MOTOROLA-MPC961C Datasheet
169Kb / 12P
   LOW VOLTAGE ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
   Zero Delay, Low Skew Buffer
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
   ZERO DELAY, LOW SKEW BUFFER
072710
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com