Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5CVF857-40QR Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM5CVF857-40QR
Description  2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5CVF857-40QR Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button ASM5CVF857-40QR Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5CVF857-40QR Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5CVF857-40QR Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5CVF857-40QR Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5CVF857-40QR Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5CVF857-40QR Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5CVF857-40QR Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5CVF857-40QR Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5CVF857-40QR Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
August 2004
ASM5CVF857
rev 1.2
2.5V Wide-Range Frequency Clock Driver (60 MHz
– 200 MHz)
6 of 15
Notice: The information in this document is subject to change without notice.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0°76C to 85°C. Supply voltage AVDD and VDD=2.5V ± 0.2V (unless otherwise stated).
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input high current
IIH
VI = VDD or GND
5
µA
Input low current
IIL
VI = VDD or GND
5
µA
IDDQ
CL = 0pF, RL = 120, FCLK_IN = 200MHz
310
mA
Operating supply
current
IDDPD
PDB = GND, FCLK_IN=0MHz
100
200
µA
Supply Current on
AVDD
IADD
FCLK_IN = 200MHz
9
12
mA
Input clamp voltage
VIK
VDDQ=2.3V IIN = -18mA
-1.2
V
IOH = -100µA
VDD-0.1
V
High-level output
voltage
VOH
IOH = -12mA
1.7
V
IOL = 100µA
0.1
V
Low-level output
voltage
VOL
IOL = 12mA
0.6
V
Input capacitance*
CIN
VI = GND or VDD
2
3.5
pF
Input capacitance
variation
CI(
VOUT = GND or VDD
-0.25
0.25
pF
* Guaranteed by design at 200MHz; not 100% tested in production.


Similar Part No. - ASM5CVF857-40QR

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
ASM51 CONNOR-WINFIELD-ASM51 Datasheet
88Kb / 2P
   ADVANCED CMOS SURFACE MOUNT
logo
List of Unclassifed Man...
ASM51AA ETC1-ASM51AA Datasheet
288Kb / 2P
   3.3V SURFACE MOUNT CRYSTALCLOCK OSCILLATORS
logo
Connor-Winfield Corpora...
ASM51AA CONNOR-WINFIELD-ASM51AA Datasheet
121Kb / 2P
   3.3V SURFACE MOUNT CRYSTAL CLOCK OSCILLATOR
ASM51AA-51.84 CONNOR-WINFIELD-ASM51AA-51.84 Datasheet
121Kb / 2P
   3.3V SURFACE MOUNT CRYSTAL CLOCK OSCILLATOR
ASM51R CONNOR-WINFIELD-ASM51R Datasheet
95Kb / 2P
   SM ACMOS ENABLE/ DISABLE TRISTATE OUTPUT
More results

Similar Description - ASM5CVF857-40QR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93V857YL-025T ICST-ICS93V857YL-025T Datasheet
82Kb / 10P
   2.5V Wide Range Frequency Clock Driver
ICS95V857 ICST-ICS95V857_09 Datasheet
134Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857C ICST-ICS95V857C Datasheet
136Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
95V857 RENESAS-95V857 Datasheet
2Mb / 14P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
logo
Integrated Circuit Syst...
ICS95V857 ICST-ICS95V857 Datasheet
116Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
ICS95V2F857A RENESAS-ICS95V2F857A Datasheet
361Kb / 14P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
logo
Integrated Circuit Syst...
ICS93V857 ICST-ICS93V857 Datasheet
82Kb / 10P
   2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
logo
Renesas Technology Corp
ICS93V857 RENESAS-ICS93V857 Datasheet
277Kb / 12P
   2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
2019
ICS95V857C RENESAS-ICS95V857C Datasheet
141Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
12/16/05
logo
Integrated Device Techn...
ICS95V857 IDT-ICS95V857 Datasheet
134Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com