Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1123E Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD1123E
Description  QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1123E Datasheet(HTML) 6 Page - Advanced Linear Devices

  ALD1123E Datasheet HTML 1Page - Advanced Linear Devices ALD1123E Datasheet HTML 2Page - Advanced Linear Devices ALD1123E Datasheet HTML 3Page - Advanced Linear Devices ALD1123E Datasheet HTML 4Page - Advanced Linear Devices ALD1123E Datasheet HTML 5Page - Advanced Linear Devices ALD1123E Datasheet HTML 6Page - Advanced Linear Devices ALD1123E Datasheet HTML 7Page - Advanced Linear Devices ALD1123E Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ALD1123E/ALD1121E
Advanced Linear Devices
6
TYPICAL PERFORMANCE CHARACTERISTICS
LOW LEVEL OUTPUT CONDUCTANCE
vs. AMBIENT TEMPERATURE
12
10
8
6
4
2
AMBIENT TEMPERATURE (
°C)
-50
-25
0
25
50
125
100
75
VGS = Vt + 0.5V
VDS = 5.0V
HIGH LEVEL OUTPUT CONDUCTANCE
vs. AMBIENT TEMPERATURE
100
80
70
-50
-25
0
25
50
125
100
75
AMBIENT TEMPERATURE (
°C)
90
60
40
50
VGS = Vt + 4.0V
VDS = 5.0V
LOW LEVEL OUTPUT CONDUCTANCE
vs. THRESHOLD VOLTAGE
THRESHOLD VOTAGE (V)
10
5
0
0.5
1.0
1.5
2.0
3.0
3.5
2.5
0
TA = +25°C
VGS = Vt + 0.5V
VDS = 5.0V
TRANSCONDUCTANCE vs.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
-50
-25
0
25
50
125
100
75
2.5
2.0
1.5
1.0
0
0.5
THRESHOLD VOLTAGE vs.
AMBIENT TEMPERATURE
4.0
3.0
2.0
0
AMBIENT TEMPERATURE (
°C)
-50
-25
0
25
50
125
100
75
1.0
VDS = VGS ID = 1.0µA
Vt = 1.0V
Vt = 1.5V
Vt = 2.0V
Vt = 2.5V
Vt = 3.0V
DRAIN OFF LEAKAGE CURRENT IDS
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
-50
-25
0
25
50
125
100
75
500
400
300
200
600
100
0
IDS


Similar Part No. - ALD1123E

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1123EDC ALD-ALD1123EDC Datasheet
148Kb / 14P
   QUAD/DUAL EPAD짰 PRECISION N-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1123EPCL ALD-ALD1123EPCL Datasheet
148Kb / 14P
   QUAD/DUAL EPAD짰 PRECISION N-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1123ESCL ALD-ALD1123ESCL Datasheet
148Kb / 14P
   QUAD/DUAL EPAD짰 PRECISION N-CHANNEL MATCHED PAIR MOSFET ARRAY
More results

Similar Description - ALD1123E

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD114835 ALD-ALD114835 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110802 ALD-ALD110802_12 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD114813 ALD-ALD114813_12 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110804 ALD-ALD110804_12 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110814 ALD-ALD110814_12 Datasheet
107Kb / 11P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD114804 ALD-ALD114804_12 Datasheet
127Kb / 11P
   QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110808 ALD-ALD110808_12 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD210808 ALD-ALD210808 Datasheet
113Kb / 12P
   PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE MATCHED PAIR
ALD310704 ALD-ALD310704 Datasheet
512Kb / 9P
   PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD NANOPOWER MATCHED PAIR
ALD310702 ALD-ALD310702 Datasheet
512Kb / 9P
   PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD NANOPOWER MATCHED PAIR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com