Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62023L Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M62023L
Description  SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62023L Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M62023L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62023L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62023L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62023L Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MITSUBISHI <Dig./Ana.INTERFACE>
SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
M62023L,P,FP
1997.5.30- rev
(
/
)
PRELIMINARY
PRELIMINARY
Notice:This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
TIMING CHART
V1=VIN-VDROP
V2=VIN-VEB(SW Tr.)
V3=VBAT-VF
VSH
VSL
VS
3V
tpd
tpd
VIN
0V
VOUT
V1
V2
V3
V2
V3
3V
VIN(VSL)
VOL(CS)
VOL(RES)
VOL(RES)
VIN(VSL)
VOH(RES)
CS
RES
RES
As the state shifts from a logic
high to logic low, the output
level becomes VOL(RES)
The output level is VOL(CS)
with a logic low
The output level is VOH(RES)
with a logic high
In normal operation
Input voltage : 3V
Input
voltage
VOUT
RES
CS
RES
Output
pin
With SW Tr. set to ON, a
voltage (VIN-VDROP) is output
The output level is VOL(RES)
with a logic low
In failure
(instantaneous drop)
Input voltage : 3V
2V
Each output varies if the input
voltage drops to VSL or under
SW Tr. is turned OFF. A
voltage (VIN-VEB) is output by
the diode between E and B of
SW Tr.
As the state shifts from a logic
low to logic high, the output
level becomes approximately
equal to the input voltage
Restoration from failure
(instantaneous drop)
Input voltage : 2V
3V
If the input voltage goes higher
than VSL by 100mV, each
output varies after delay
produced by the delay circuit
SW Tr. is turned ON after delay
and a voltage (VIN-VDROP) is
output
A logic high is maintained, and
then shifts to a logic low
In backup state
Input voltage : 0V
Backup voltage : 3V
VBAT-VF
The output is a logic high and
the output level is VBAT-VF
As the state shifts from a logic
low to logic high, the output
level becomes the voltage
VIN-VEB
A logic low is maintained, and
then shifts to a logic high
A logic high is maintained, and
then shifts to a logic low
4
4


Similar Part No. - M62023L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62023L RENESAS-M62023L Datasheet
207Kb / 13P
   System Reset IC with Switch for 3V Memory Back-up
M62023L RENESAS-M62023L_07 Datasheet
207Kb / 13P
   System Reset IC with Switch for 3V Memory Back-up
More results

Similar Description - M62023L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62021L MITSUBISHI-M62021L Datasheet
112Kb / 9P
   SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
logo
Renesas Technology Corp
M62023L RENESAS-M62023L_07 Datasheet
207Kb / 13P
   System Reset IC with Switch for 3V Memory Back-up
M62021L RENESAS-M62021L Datasheet
183Kb / 14P
   System Reset IC with Switch for Memory Backup
logo
Mitsumi Electronics, Co...
PST620 MITSUMI-PST620 Datasheet
193Kb / 6P
   System Reset (with battery back-up) Monolithic IC
MM1025 MITSUMI-MM1025 Datasheet
63Kb / 6P
   System Reset (with battery back-up) Monolithic IC
MM1027 MITSUMI-MM1027 Datasheet
121Kb / 11P
   System Reset (with battery back-up) Monolithic IC
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
   System Reset (with watchdog timerbattery back-up)
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
   IC for System Reset Monolithic IC
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
   IC for System Reset Monolithic IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com