Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5I9350 Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # ASM5I9350
Description  3.3V 1:10 LVCMOS PLL Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9350 Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button ASM5I9350 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
July 2005
ASM5I9350
rev 0.2
3.3V 1:10 LVCMOS PLL Clock Generator
7 of 12
Notice: The information in this document is subject to change without notice.
AC Electrical Specifications (VCC = 3.3V ± 5%, TA = -40°C to +85°C)1
Parameter
Description
Condition
Min
Typ
Max
Unit
fVCO
VCO Frequency
200
-
500
MHz
÷16 Feedback
12.5
-
31.25
÷32 Feedback
6.25
-
15.625
fin
Input Frequency
Bypass mode
(PLL_EN = 0)
0
-
200
MHz
fXTAL
Crystal Oscillator Frequency
10
-
25
MHz
frefDC
Input Duty Cycle
25
-
75
%
tr, tf
TCLK Input Rise/FallTime
0.8V to 2.0V
-
-
1.0
nS
÷2 Output
100
-
200
÷4 Output
50
-
125
fMAX
Maximum Output Frequency
÷8 Output
25
-
62.5
MHz
fMAX < 100 MHz
47.5
-
52.5
DC
Output Duty Cycle
fMAX > 100 MHz
45
-
55
%
tr, tf
Output Rise/Fall times
0.8V to 2.4V
0.1
-
1.0
nS
tsk(O)
Output-to-Output Skew
Banks at same voltage
-
-
150
pS
tsk(B)
Bank-to-Bank Skew
Banks at different voltages
-
-
350
pS
tPLZ, HZ
Output Disable Time
-
-
10
nS
tPZL, ZH
Output Enable Time
-
-
10
nS
÷16 Feedback
-
0.7 – 0.9
-
BW
PLL Closed Loop Bandwidth (–3dB)
÷32 Feedback
-
0.6 – 0.8
-
MHz
Same frequency
-
-
150
tJIT(CC)
Cycle-to-Cycle Jitter
Multiple frequencies
-
-
250
pS
Same frequency
-
-
100
tJIT(PER)
Period Jitter
Multiple frequencies
-
-
150
pS
tLOCK
Maximum PLL Lock Time
-
-
1
mS
Note: 1. AC characteristics apply for parallel output termination of 50Ω to VTT. Parameters are guaranteed by characterization and are not 100% tested.


Similar Part No. - ASM5I9350

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9351-32-ET ALSC-ASM5I9351-32-ET Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9351-32-LT ALSC-ASM5I9351-32-LT Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9351G-32-ET ALSC-ASM5I9351G-32-ET Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9351G-32-LT ALSC-ASM5I9351G-32-LT Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results

Similar Description - ASM5I9350

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9658 PULSECORE-PCS5I9658 Datasheet
613Kb / 15P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
   3.3V 1:10 LVCMOS PLL Clock Generator
2019
logo
Motorola, Inc
MPC9658 MOTOROLA-MPC9658 Datasheet
292Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9658 ALSC-ASM5I9658 Datasheet
579Kb / 14P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
PulseCore Semiconductor
PCS5I9350 PULSECORE-PCS5I9350 Datasheet
490Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
   3.3V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
   3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
   3.3V 1:12 LVCMOS PLL Clock Generator
2019
logo
Alliance Semiconductor ...
ASM5I9653A ALSC-ASM5I9653A Datasheet
648Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com