Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2222L Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBT2222L
Description  General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT2222L Datasheet(HTML) 2 Page - ON Semiconductor

  MMBT2222L Datasheet HTML 1Page - ON Semiconductor MMBT2222L Datasheet HTML 2Page - ON Semiconductor MMBT2222L Datasheet HTML 3Page - ON Semiconductor MMBT2222L Datasheet HTML 4Page - ON Semiconductor MMBT2222L Datasheet HTML 5Page - ON Semiconductor MMBT2222L Datasheet HTML 6Page - ON Semiconductor MMBT2222L Datasheet HTML 7Page - ON Semiconductor MMBT2222L Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MMBT2222LT1, MMBT2222ALT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage (IC = 10 mAdc, IB = 0)
MMBT2222
MMBT2222A
V(BR)CEO
30
40
Vdc
Collector − Base Breakdown Voltage (IC = 10 mAdc, IE = 0)
MMBT2222
MMBT2222A
V(BR)CBO
60
75
Vdc
Emitter − Base Breakdown Voltage (IE = 10 mAdc, IC = 0)
MMBT2222
MMBT2222A
V(BR)EBO
5.0
6.0
Vdc
Collector Cutoff Current (VCE = 60 Vdc, VEB(off) = 3.0 Vdc)
MMBT2222A
ICEX
10
nAdc
Collector Cutoff Current (VCB = 50 Vdc, IE = 0)
MMBT2222
(VCB = 60 Vdc, IE = 0)
MMBT2222A
(VCB = 50 Vdc, IE = 0, TA = 125°C)
MMBT2222
(VCB = 60 Vdc, IE = 0, TA = 125°C)
MMBT2222A
ICBO
0.01
0.01
10
10
mAdc
Emitter Cutoff Current (VEB = 3.0 Vdc, IC = 0)
MMBT2222A
IEBO
100
nAdc
Base Cutoff Current (VCE = 60 Vdc, VEB(off) = 3.0 Vdc)
MMBT2222A
IBL
20
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 0.1 mAdc, VCE = 10 Vdc)
(IC = 1.0 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc, TA = −55°C)
MMBT2222A only
(IC = 150 mAdc, VCE = 10 Vdc) (Note 3)
(IC = 150 mAdc, VCE = 1.0 Vdc) (Note 3)
(IC = 500 mAdc, VCE = 10 Vdc) (Note 3)
MMBT2222
MMBT2222A
hFE
35
50
75
35
100
50
30
40
300
Collector − Emitter Saturation Voltage (Note 3)
(IC = 150 mAdc, IB = 15 mAdc)
MMBT2222
MMBT2222A
(IC = 500 mAdc, IB = 50 mAdc)
MMBT2222
MMBT2222A
VCE(sat)
0.4
0.3
1.6
1.0
Vdc
Base − Emitter Saturation Voltage (Note 3)
(IC = 150 mAdc, IB = 15 mAdc)
MMBT2222
MMBT2222A
(IC = 500 mAdc, IB = 50 mAdc)
MMBT2222
MMBT2222A
VBE(sat)
0.6
1.3
1.2
2.6
2.0
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current − Gain − Bandwidth Product (Note 4)
(IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz)
MMBT2222
MMBT2222A
fT
250
300
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
8.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
MMBT2222
MMBT2222A
Cibo
30
25
pF
Input Impedance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MMBT2222A
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MMBT2222A
hie
2.0
0.25
8.0
1.25
k
W
Voltage Feedback Ratio
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MMBT2222A
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MMBT2222A
hre
8.0
4.0
X 10−4
Small − Signal Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MMBT2222A
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MMBT2222A
hfe
50
75
300
375
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
4. fT is defined as the frequency at which |hfe| extrapolates to unity.


Similar Part No. - MMBT2222L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2222L ONSEMI-MMBT2222L Datasheet
165Kb / 7P
   General Purpose Transistors
October, 2016 ??Rev. 11
logo
Motorola, Inc
MMBT2222LT1 MOTOROLA-MMBT2222LT1 Datasheet
253Kb / 8P
   General Purpose Transistors
logo
Leshan Radio Company
MMBT2222LT1 LRC-MMBT2222LT1 Datasheet
208Kb / 5P
   General Purpose Transistors(NPN Silicon)
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Rectron Semiconductor
MMBT2222LT1 RECTRON-MMBT2222LT1 Datasheet
791Kb / 4P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
More results

Similar Description - MMBT2222L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com