Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM248CBJ32F-70 Datasheet(PDF) 3 Page - Texas Instruments

Part # TM248CBJ32F-70
Description  32-BIT DYNAMIC RAM MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM248CBJ32F-70 Datasheet(HTML) 3 Page - Texas Instruments

  TM248CBJ32F-70 Datasheet HTML 1Page - Texas Instruments TM248CBJ32F-70 Datasheet HTML 2Page - Texas Instruments TM248CBJ32F-70 Datasheet HTML 3Page - Texas Instruments TM248CBJ32F-70 Datasheet HTML 4Page - Texas Instruments TM248CBJ32F-70 Datasheet HTML 5Page - Texas Instruments TM248CBJ32F-70 Datasheet HTML 6Page - Texas Instruments TM248CBJ32F-70 Datasheet HTML 7Page - Texas Instruments TM248CBJ32F-70 Datasheet HTML 8Page - Texas Instruments TM248CBJ32F-70 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TM124BBJ32F, TM124BBJ32U 1048576 BY 32-BIT DYNAMIC RAM MODULE
TM248CBJ32F, TM248CBJ32U 2097152 BY 32-BIT DYNAMIC RAM MODULE
SMMS661 – JANUARY 1996
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Table 1. Connection Table
DATA BLOCK
RASx
CASx
DATA BLOCK
SIDE 1
SIDE 2†
CASx
DQ0 – DQ7
RAS0
RAS1
CAS0
DQ8 – DQ15
RAS0
RAS1
CAS1
DQ16 – DQ23
RAS2
RAS3
CAS2
DQ24 – DQ31
RAS2
RAS3
CAS3
† Side 2 applies to the TM248CBJ32F only.
single in-line memory module and components
PC substrate: 1,27
± 0,1 mm (0.05 inch) nominal thickness; 0.005 inch/inch maximum warpage
Bypass capacitors: Multilayer ceramic
Contact area for TM124BBJ32F and TM248CBJ32F: Nickel plate and gold plate over copper
Contact area for TM124BBJ32U and TM248CBJ32U: Nickel plate and tin / lead over copper
functional block diagram ( TM124BBJ32F and TM248CBJ32F, side 1)
1M
× 16
A0 –A9
DQ0 –
RAS
DQ7
W
LCAS
DQ8 –
UCAS
DQ15
A0 – A9
DQ8 – DQ15
DQ24 – DQ31
W
RAS0
CAS1
CAS0
10
10
10
DQ0 – DQ7
DQ16 – DQ23
1M
× 16
A0 –A9
DQ0 –
RAS
DQ7
W
LCAS
DQ8 –
UCAS
DQ15
CAS3
CAS2
functional block diagram ( TM248CBJ32F, side 2 )
1M
× 16
A0 –A9
DQ0 –
RAS
DQ7
W
LCAS
DQ8 –
UCAS
DQ15
A0 – A9
DQ0 – DQ7
DQ16 – DQ23
W
RAS1
CAS0
CAS1
10
10
10
DQ8 – DQ15
DQ24 – DQ31
1M
× 16
A0 –A9
DQ0 –
RAS
DQ7
W
LCAS
DQ8 –
UCAS
DQ15
CAS2
CAS3


Similar Part No. - TM248CBJ32F-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM248CBJ32I TI1-TM248CBJ32I Datasheet
146Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULES
More results

Similar Description - TM248CBJ32F-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124BBK32F TI-TM124BBK32F Datasheet
137Kb / 9P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
TM124BBK32F TI1-TM124BBK32F_09 Datasheet
157Kb / 9P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
logo
Siemens Semiconductor G...
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322035S SIEMENS-HYM322035S Datasheet
79Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
HYM321005S SIEMENS-HYM321005S Datasheet
83Kb / 10P
   1M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com