Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5I9658-32-LR Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # ASM5I9658-32-LR
Description  3.3V 1:10 LVCMOS PLL Clock Generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9658-32-LR Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button ASM5I9658-32-LR Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9658-32-LR Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9658-32-LR Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9658-32-LR Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9658-32-LR Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9658-32-LR Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9658-32-LR Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5I9658-32-LR Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM5I9658-32-LR Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
July 2005
ASM5I9658
rev 0.2
3.3V 1:10 LVCMOS PLL Clock Generator
7 of 14
Notice: The information in this document is subject to change without notice.
Figure 3. VCC_PLL Power Supply Filter
ASM5I9658
Applications Information
Driving Transmission Lines
The ASM5I9658 supports output clock frequencies from
50
to
250MHz.
Two
different
feedback
divider
configurations can be used to achieve the desired
frequency operation range. The feedback divider
(VCO_SEL) should be used to situate the VCO in the
frequency lock range between 200 and 500MHz
for
stable and optimal operation. Two operating frequency
ranges are supported: 50 to 125MHz and 100 to 250
MHz. Table 7 illustrates the configurations supported by
the ASM5I9658. PLL zero-delay is supported if
BYPASS=1, PLL_EN=1 and the input frequency is within
the specified PLL reference frequency range.
Table 7: ASM5I9658 Configurations (QFB connected to FB_IN)
Frequency
BYPASS
PLL_
EN
VCO_
SEL
Operation
Ratio
Output range (fQ0-7)
VCO
0
X
X
Test mode: PLL and divider bypass
fQ0-9 =fREF
0-250 MHz
n/a
1
0
0
Test mode: PLL bypass
fQ0-9 =fREF ÷ 2
0-125 MHz
n/a
1
0
1
Test mode: PLL bypass
fQ0-9 =fREF ÷ 4
0-62.5 MHz
n/a
1
1
0
PLL mode (high frequency range)
fQ0-9 =fREF
100 to 250 MHz
fVCO =fREF 2
1
1
1
PLL mode (low frequency range)
fQ0-9 =fREF
50 to 125 MHz
fVCO =fREF 4
Power Supply Filtering
The ASM5I9658 is a mixed analog/digital product. Its
analog circuitry is naturally susceptible to random noise,
especially if this noise is seen on the power supply pins.
Random noise on the VCCA_PLL power supply impacts the
device characteristics, for instance I/O jitter. The
ASM5I9658 provides separate power supplies for the
output buffers (VCC) and the phase-locked loop (VCCA_PLL)
of the device. The purpose of this design technique is to
isolate the high switching noise digital outputs from the
relatively sensitive internal analog phase-locked loop. In a
digital system environment where it is more difficult to
minimize noise on the power supplies a second level of
isolation may be required. The simple but effective form
of isolation is a power supply filter on the VCC_PLL pin for
the ASM5I9658. Figure 3. illustrates a typical power
supply filter scheme. The ASM5I9658 frequency and
phase stability is most susceptible to noise with spectral
content in the 100KHz to 20MHz range. Therefore the
filter should be designed to target this range. The key
parameter that needs to be met in the final filter design is
the DC voltage drop across the series filter resistor RF.
From the data sheet the ICC_PLL current (the current
sourced through the VCC_PLL pin) is typically 12 mA (20
mA maximum), assuming that a minimum of 2.835V must
be maintained on the VCC_PLL pin.
The minimum values for RF and the filter capacitor CF are
defined by the required filter characteristics: the RC filter
should provide attenuation greater than 40 dB for
noise whose spectral content is above 100 KHz. In the
example RC filter shown in Figure 3.“VCC_PLL Power
Supply Filter”, the filter cut-off frequency is around 3-5
kHz and the noise attenuation at 100 kHz is better than
42dB.
As the noise frequency crosses the series resonant point
of an individual capacitor its overall impedance begins to
look inductive and thus increases with increasing
frequency. The parallel capacitor combination shown
ensures that a low impedance path to ground exists for
frequencies well above the bandwidth of the PLL.
Although the ASM5I9658 has several design features to
minimize the susceptibility to power supply noise (isolated
power and grounds and fully differential PLL) there still
may be applications in which overall performance is being
degraded due to system power supply noise. The power


Similar Part No. - ASM5I9658-32-LR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9653A ALSC-ASM5I9653A Datasheet
648Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
ASM5I9653A-32-ER ALSC-ASM5I9653A-32-ER Datasheet
648Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
ASM5I9653A-32-LR ALSC-ASM5I9653A-32-LR Datasheet
648Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
ASM5I9653AG-32-ER ALSC-ASM5I9653AG-32-ER Datasheet
648Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
ASM5I9653AG-32-LR ALSC-ASM5I9653AG-32-LR Datasheet
648Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
More results

Similar Description - ASM5I9658-32-LR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9658 PULSECORE-PCS5I9658 Datasheet
613Kb / 15P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
   3.3V 1:10 LVCMOS PLL Clock Generator
2019
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Motorola, Inc
MPC9658 MOTOROLA-MPC9658 Datasheet
292Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
PulseCore Semiconductor
PCS5I9350 PULSECORE-PCS5I9350 Datasheet
490Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
   3.3V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
   3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
   3.3V 1:12 LVCMOS PLL Clock Generator
2019
logo
Alliance Semiconductor ...
ASM5I9653A ALSC-ASM5I9653A Datasheet
648Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com