Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5I9772A-52-ET Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM5I9772A-52-ET
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9772A-52-ET Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM5I9772A-52-ET Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I9772A-52-ET Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9772A-52-ET Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9772A-52-ET Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9772A-52-ET Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9772A-52-ET Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9772A-52-ET Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9772A-52-ET Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9772A-52-ET Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
June 2005
ASM5I9772A
rev 0.3
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
3 of 15
Notice: The information in this document is subject to change without notice.
Pin Description
1
Pin
Name
I/O
Type
Description
11
XIN
I
Analog
Crystal oscillator input.
12
XOUT
O
Analog
Crystal oscillator output.
9
TCLK0
I, PU
LVCMOS
LVCMOS/LVTTL reference clock input.
10
TCLK1
I, PU
LVCMOS
LVCMOS/LVTTL reference clock input.
44, 46, 48, 50
QA(3:0)
O
LVCMOS
Clock output bank A.
32, 34, 36, 38
QB(3:0)
O
LVCMOS
Clock output bank B.
16, 18, 21, 23
QC(3:0)
O
LVCMOS
Clock output bank C.
29
FB_OUT
O
LVCMOS
Feedback clock output. Connect to FB_IN for normal
operation.
31
FB_IN
I, PU
LVCMOS
Feedback clock input. Connect to FB_OUT for normal
operation. This input should be at the same voltage rail as input
reference clock. See Table 1.
25
SYNC
O
LVCMOS
Synchronous pulse output. This output is used for system
synchronization.
6
PLL_EN
I, PU
LVCMOS
PLL enable/bypass input. When Low, PLL is
disabled/bypassed and the input clock connects to the output
dividers.
2
MR#/OE
I, PU
LVCMOS
Master reset and Output enable/disable input. See Table 2
8
TCLK_SEL
I, PU
LVCMOS
LVCMOS Clock reference select input. See Table 2.
7
REF_SEL
I, PU
LVCMOS
LVCMOS/LVPECL Reference select input. See Table 2.
52
VCO_SEL
I, PU
LVCMOS
VCO Operating frequency select input. See Table 2.
14
INV_CLK
I, PU
LVCMOS
QC(2,3) Phase selection input. See Table 2.
5, 26, 27
FB_SEL(2:0)
I, PU
LVCMOS
Feedback divider select input. See Table 6.
42, 43
SELA(1,0)
I, PU
LVCMOS
Frequency select input, Bank A. See Table 3.
40, 41
SELB(1,0)
I, PU
LVCMOS
Frequency select input, Bank B. See Table 4.
19, 20
SELC(1,0)
I, PU
LVCMOS
Frequency select input, Bank C. See Table 5.
3
SCLK
I, PU
LVCMOS
Serial Clock input.
4
SDATA
I, PU
LVCMOS
Serial Data input.
45, 49
VDDQA
Supply
VDD
2.5V or 3.3V Power supply for bank A output clocks
2,3.
33, 37
VDDQB
Supply
VDD
2.5V or 3.3V Power supply for bank B output clocks.
2,3
22, 17
VDDQC
Supply
VDD
2.5V or 3.3V Power supply for bank C output clocks.
2,3
13
AVDD
Supply
VDD
2.5V or 3.3V Power supply for PLL.
2,3
28
VDD
Supply
VDD
2.5V or 3.3V Power supply for core and inputs.
2,3
1
AVSS
Supply
Ground
Analog Ground.
15, 24, 30,
35, 39, 47, 51
VSS
Supply
Ground
Common Ground.
Note: 1.PU = Internal pull up, PD = Internal pull down.
2. A 0.1µF bypass capacitor should be placed as close as possible to each positive power pin (<0.2”). If these bypass capacitors are not close to the pins
their high-frequency filtering characteristics will be cancelled by the lead inductance of the traces.
3 AVDD and VDD pins must be connected to a power supply level that is at least equal or higher than that of VDDQA, VDDQB, and VDDQC power
supply pins.


Similar Part No. - ASM5I9772A-52-ET

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A-52-ER ALSC-ASM5I9773A-52-ER Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A-52-ET ALSC-ASM5I9773A-52-ET Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773AG-52-ER ALSC-ASM5I9773AG-52-ER Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773AG-52-ET ALSC-ASM5I9773AG-52-ET Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results

Similar Description - ASM5I9772A-52-ET

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9774 PULSECORE-PCS5I9774 Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9774A ALSC-ASM5I9774A Datasheet
477Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com