Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5I9773AG-52-ET Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM5I9773AG-52-ET
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9773AG-52-ET Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button ASM5I9773AG-52-ET Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9773AG-52-ET Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9773AG-52-ET Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9773AG-52-ET Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9773AG-52-ET Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9773AG-52-ET Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9773AG-52-ET Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9773AG-52-ET Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5I9773AG-52-ET Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
June 2005
ASM5I9773A
rev 0. 3
2.5V or 3.3V, 200 MHz, 12-Output Zero Delay Buffer
6 of 16
Notice: The information in this document is subject to change without notice.
DC Electrical Specifications (VDD = 2.5V ± 5%, T
A = – 40°C to + 85°C)
Parameter
Description
Condition
Min
Typ
Max
Unit
VIL
Input Voltage, Low
LVCMOS
-
-
0.7
V
VIH
Input Voltage, High
LVCMOS
1.7
-
VDD+0.3
V
VPP
Peak-Peak Input Voltage
LVPECL
250
-
1000
mV
VCMR
Common Mode Range
4
LVPECL
1.0
-
VDD – 0.6
V
VOL
Output Voltage, Low
5
IOL= 15 mA
-
-
0.6
V
VOH
Output Voltage, High
5
IOH= –15 mA
1.8
-
-
V
IIL
Input Current, Low
5
VIL= VSS
-
-
-100
µA
IIH
Input Current, High
6
VIL= VDD
-
-
100
µA
IDDA
PLL Supply Current
AVDD only
-
5
10
mA
IDDQ
Quiescent Supply Current
All VDD pins except AVDD
-
-
8
mA
IDD
Dynamic Supply Current
Outputs loaded @ 100 MHz
-
135
-
mA
CIN
Input Pin Capacitance
-
4
-
pF
ZOUT
Output Impedance
14
18
22
DC Electrical Specifications (VDD = 3.3V ± 5%, T
A = – 40°C to + 85°C)
Parameter
Description
Condition
Min
Typ
Max
Unit
VIL
Input Voltage, Low
LVCMOS
-
-
0.8
V
VIH
Input Voltage, High
LVCMOS
2.0
-
VDD+0.3
V
VPP
Peak-Peak Input Voltage
LVPECL
250
-
1000
mV
VCMR
Common Mode Range
4
LVPECL
1.0
-
VDD– 0.6
V
IOL= 24 mA
-
-
0.55
VOL
Output Voltage, Low
5
IOL= 12 mA
-
-
0.30
V
VOH
Output Voltage, High
5
IOH= –24 mA
2.4
-
-
V
IIL
Input Current, Low
6
VIL= VSS
-
-
-100
µA
IIH
Input Current, High
6
VIL= VDD
-
-
100
µA
IDDA
PLL Supply Current
AVDD only
-
5
10
mA
IDDQ
Quiescent Supply Current
All VDD pins except AVDD
-
-
8
mA
IDD
Dynamic Supply Current
Outputs loaded @ 100 MHz
-
225
-
mA
CIN
Input Pin Capacitance
-
4
-
pF
ZOUT
Output Impedance
12
15
18
Notes:
4. VCMR (DC) is the crossing point of the differential input signal. Normal operation is obtained when the crossing point is within the VCMR range and the input
swing is within the VPP (DC) specification.
5. Driving one 50 Ω parallel terminated transmission line to a termination voltage of VTT. Alternatively, each output drives up to two 50 Ω series terminated
transmission lines.
6. Inputs have pull-up or pull-down resistors that affect the input current.


Similar Part No. - ASM5I9773AG-52-ET

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772A-52-ER ALSC-ASM5I9772A-52-ER Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772A-52-ET ALSC-ASM5I9772A-52-ET Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772AG-52-ER ALSC-ASM5I9772AG-52-ER Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772AG-52-ET ALSC-ASM5I9772AG-52-ET Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results

Similar Description - ASM5I9773AG-52-ET

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9774 PULSECORE-PCS5I9774 Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9774A ALSC-ASM5I9774A Datasheet
477Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com