Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5P2309A Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM5P2309A
Description  3.3V Zero Delay Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5P2309A Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM5P2309A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5P2309A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5P2309A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5P2309A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5P2309A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5P2309A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5P2309A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5P2309A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5P2309A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ASM5P2309A
September 2005
ASM5P2305A
rev 1.6
3.3V Zero Delay Buffer
5 of 20
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Supply Voltage to Ground Potential
-0.5
+7.0
V
DC Input Voltage (Except REF)
-0.5
VDD + 0.5
V
DC Input Voltage (REF)
-0.5
7
V
Storage Temperature
-65
+150
°C
Max. Soldering Temperature (10 sec)
260
°C
Junction Temperature
150
°C
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2000
V
Note: These are stress ratings only and functional usage is not implied. Exposure to absolute maximum ratings for prolonged periods can
affect device reliability.
Operating Conditions for ASM5P2305A and ASM5P2309A - Commercial Temperature Devices
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
0
70
°C
CL
Load Capacitance, below 100MHz
30
pF
CL
Load Capacitance, from 100MHz to 133MHz
10
pF
CIN
Input Capacitance
7
pF


Similar Part No. - ASM5P2309A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM5P2309A PULSECORE-ASM5P2309A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2309A ONSEMI-ASM5P2309A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
logo
PulseCore Semiconductor
ASM5P2309AF-1-16-SR PULSECORE-ASM5P2309AF-1-16-SR Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
ASM5P2309AF-1-16-ST PULSECORE-ASM5P2309AF-1-16-ST Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
ASM5P2309AF-1-16-TR PULSECORE-ASM5P2309AF-1-16-TR Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
More results

Similar Description - ASM5P2309A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com