Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2222LT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MMBT2222LT1G
Description  General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT2222LT1G Datasheet(HTML) 5 Page - ON Semiconductor

  MMBT2222LT1G Datasheet HTML 1Page - ON Semiconductor MMBT2222LT1G Datasheet HTML 2Page - ON Semiconductor MMBT2222LT1G Datasheet HTML 3Page - ON Semiconductor MMBT2222LT1G Datasheet HTML 4Page - ON Semiconductor MMBT2222LT1G Datasheet HTML 5Page - ON Semiconductor MMBT2222LT1G Datasheet HTML 6Page - ON Semiconductor MMBT2222LT1G Datasheet HTML 7Page - ON Semiconductor MMBT2222LT1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MMBT2222LT1, MMBT2222ALT1
http://onsemi.com
5
Figure 5. Turn −On Time
IC, COLLECTOR CURRENT (mA)
70
100
200
50
10
20
70
5.0
100
5.0 7.0
30
50
200
10
30
7.0
20
IC/IB = 10
TJ = 25°C
tr @ VCC = 30 V
td @ VEB(off) = 2.0 V
td @ VEB(off) = 0
3.0
2.0
300
500
500
5.0
7.0
10
20
30
50
70
100
200
300
Figure 6. Turn −Off Time
IC, COLLECTOR CURRENT (mA)
10
20
70
100
5.0 7.0
30
50
200 300
500
VCC = 30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
t′s = ts − 1/8 tf
tf
Figure 7. Frequency Effects
f, FREQUENCY (kHz)
4.0
6.0
8.0
10
2.0
0.1
Figure 8. Source Resistance Effects
RS, SOURCE RESISTANCE (OHMS)
1.0 2.0
5.0 10
20
50
0.2
0.5
0
100
0.01 0.02 0.05
RS = OPTIMUM
RS = SOURCE
RS = RESISTANCE
IC = 1.0 mA, RS = 150 W
500 mA, RS = 200 W
100 mA, RS = 2.0 kW
50 mA, RS = 4.0 kW
f = 1.0 kHz
IC = 50 mA
100 mA
500 mA
1.0 mA
4.0
6.0
8.0
10
2.0
0
50
100 200
500 1.0 k 2.0 k
5.0 k 10 k 20 k
50 k 100 k
Figure 9. Capacitances
REVERSE VOLTAGE (VOLTS)
3.0
5.0
7.0
10
2.0
0.1
1.0
2.0 3.0 5.0 7.0 10
20 30
50
0.2 0.3 0.5 0.7
Ccb
20
30
Ceb
Figure 10. Current−Gain Bandwidth Product
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
500
1.0
2.0
3.0
5.0 7.0
10
20
30
50
70 100
VCE = 20 V
TJ = 25°C


Similar Part No. - MMBT2222LT1G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
MMBT2222LT1G COMCHIP-MMBT2222LT1G Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
MMBT2222LT1G ONSEMI-MMBT2222LT1G Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
MMBT2222LT1G ONSEMI-MMBT2222LT1G Datasheet
133Kb / 7P
   General Purpose Transistors
October, 2011 ??Rev. 10
MMBT2222LT1G ONSEMI-MMBT2222LT1G Datasheet
165Kb / 7P
   General Purpose Transistors
October, 2016 ??Rev. 11
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
More results

Similar Description - MMBT2222LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com