Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM1233D-5F Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM1233D-5F
Description  Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1233D-5F Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM1233D-5F Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1233D-5F Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1233D-5F Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1233D-5F Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1233D-5F Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1233D-5F Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1233D-5F Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1233D-5F Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1233D-5F Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ASM1233D-L/D/M
Alliance Semiconductor
2575 Augustine Drive . Santa Clara, CA 95054 . Tel: 408.855.4900 . Fax: 408.855.4999 . www.alsc.com
Notice: The information in this document is subject to change without notice
rev 1.3
Low Power, 5V/3.3V, µP Reset, Active LOW, Open-Drain Output
March 2005
General Description
The ASM1233D-L/1233D/1233M are voltage supervisors with
low-power, 5/3.3V µP Reset, with an active LOW, open-drain
output. Maximum supply current over temperature is 15µA for
3.3V devices and 20µA for 5V devices.
The ASM1233D-L/1233D/1233M generates an active LOW
reset signal whenever the monitored supply is out of tolerance.
A precision reference and comparator circuit monitors power
supply (VCC) level. The tolerance are 5%,10% and 15%. When
an out-of-tolerance condition is detected, an internal power-fail
signal is generated which forces an active LOW reset signal.
After VCC returns to an in-tolerance condition, the reset signal
remains active for 350ms to allow the power supply and system
microprocessor to stabilize.
The ASM1233D-L/1233D/1233M is designed with an open-
drain output stage and operates over the extended industrial
temperature range. These devices are available in compact
SOT-223, SO-8 and TO-92 packages.
Other low power products in this family include ASM1810/11/
12/15/16/17.
Key Features
Low Supply Current
• 15µA maximum (<=3.6V), 20µA maximum (5.5V)
Automatically restarts a microprocessor after power failure
350ms reset delay after VCC returns to an in-tolerance con-
dition
Active LOW power-up reset, 5k
Ω internal pull-up
Precision temperature-compensated voltage reference and
comparator
Eliminates external components
Low-cost SOT-223/SO-8/TO-92 packages
Operating temperature: -40°C to +85°C
Applications
Set-top boxes
Cellular phones
•PDAs
Energy management systems
Embedded control systems
Printers
Single board computers
Typical Operating Circuit
Block Diagram
Microprocessor
VCC
RESET
RESET
GND
GND
Supply
Reference
Delay
350ms
Typical
Tolerance
Bias
+
-
ASM1233D-L,ASM1233D,ASM1233M
VCC
RESET
Delay
Typical
+
-
5.0kΩ


Similar Part No. - ASM1233D-5F

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM1233D-5F PULSECORE-ASM1233D-5F Datasheet
258Kb / 11P
   Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
logo
ON Semiconductor
ASM1233D-5F ONSEMI-ASM1233D-5F Datasheet
142Kb / 10P
   Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
More results

Similar Description - ASM1233D-5F

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM8500 ALSC-ASM8500 Datasheet
191Kb / 7P
   Low Power 5V / 3.3V uP Reset Active LOW, Open - Drain Output
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
   Low Power 5V uP Reset Active LOW, Open - Drain Output
ASM1233A ALSC-ASM1233A Datasheet
209Kb / 9P
   Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1233M ALSC-ASM1233M Datasheet
204Kb / 9P
   Low Power, 5V/3.0V, uP Reset, Active LOW, Open-Drain Output
ASM1816 ALSC-ASM1816 Datasheet
231Kb / 9P
   Low Power 3.3V/3.0V uP Reset, Active LOW, Open-Drain Output
logo
PulseCore Semiconductor
ASM1233D-L PULSECORE-ASM1233D-L Datasheet
258Kb / 11P
   Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
   Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM1816 PULSECORE-ASM1816 Datasheet
235Kb / 9P
   Low Power 3.3V/3.0V 關P Reset, Active LOW, Open-Drain Output
logo
Alliance Semiconductor ...
ASM1810 ALSC-ASM1810 Datasheet
235Kb / 9P
   Low Power, 5V uP Reset Active LOW, Push-Pull Output
ASM1815 ALSC-ASM1815 Datasheet
235Kb / 9P
   Low Power, 3.3V/3.0V uP Reset Active LOW, Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com