Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2042A-08TT Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # L2042A-08TT
Description  2.5V LCD Panel Reduction IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

L2042A-08TT Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button L2042A-08TT Datasheet HTML 2Page - Alliance Semiconductor Corporation L2042A-08TT Datasheet HTML 3Page - Alliance Semiconductor Corporation L2042A-08TT Datasheet HTML 4Page - Alliance Semiconductor Corporation L2042A-08TT Datasheet HTML 5Page - Alliance Semiconductor Corporation L2042A-08TT Datasheet HTML 6Page - Alliance Semiconductor Corporation L2042A-08TT Datasheet HTML 7Page - Alliance Semiconductor Corporation L2042A-08TT Datasheet HTML 8Page - Alliance Semiconductor Corporation L2042A-08TT Datasheet HTML 9Page - Alliance Semiconductor Corporation L2042A-08TT Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
October 2003
L2042A
rev 1.0
2.5V LCD Panel EMI Reduction IC
6 of 10
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
30
-
75
MHz
fOUT
Output frequency
30
-
75
MHz
tLH*
Output rise time (measured at 0.8V to 2.0V)
0.7
0.9
1.1
ns
tHL*
Output fall time (measured at 2.0V to 0.8V)
0.6
0.8
1.0
ns
tJC
Jitter (cycle to cycle)
-
-
360
ps
tD
Output duty cycle
40
50
55
%
*tLH and tHL are measured into a capacitive load of 15pF


Similar Part No. - L2042A-08TT

ManufacturerPart #DatasheetDescription
logo
C&K Components
L204 CK-COMPONENTS-L204 Datasheet
329Kb / 6P
   Miniature Slide Switches
L204 CK-COMPONENTS-L204 Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
logo
List of Unclassifed Man...
L2040 ETC2-L2040 Datasheet
70Kb / 2P
   STANDARD AND CUSTOM
logo
Unisonic Technologies
L2044 UTC-L2044 Datasheet
101Kb / 3P
   DUAL OUTPUT FLASHER
L2044 UTC-L2044 Datasheet
157Kb / 3P
   DUAL OUTPUT FLASHER
More results

Similar Description - L2042A-08TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2040B PULSECORE-P2040B Datasheet
331Kb / 8P
   LCD Panel EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
PCS3P2042B ONSEMI-PCS3P2042B Datasheet
146Kb / 7P
   LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2182A PULSECORE-ASM3P2182A Datasheet
369Kb / 8P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P2042A ONSEMI-P2042A Datasheet
76Kb / 5P
   LCD Panel EMI Reduction IC
June, 2015 ??Rev. 6
logo
Alliance Semiconductor ...
P2042A ALSC-P2042A Datasheet
353Kb / 8P
   LCD Panel EMI Reduction IC
P2040A ALSC-P2040A Datasheet
354Kb / 9P
   LCD Panel EMI Reduction IC
ASM3P2184A ALSC-ASM3P2184A Datasheet
356Kb / 9P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P3P2043B ONSEMI-P3P2043B_12 Datasheet
120Kb / 5P
   LCD Panel EMI Reduction IC
July, 2012 ??Rev. 0
ASM3P2182A ONSEMI-ASM3P2182A_11 Datasheet
124Kb / 6P
   LCD Panel EMI Reduction IC
August, 2011 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com