Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3906LT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBT3906LT1
Description  General Purpose Transistor(PNP Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT3906LT1 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBT3906LT1 Datasheet HTML 1Page - ON Semiconductor MMBT3906LT1 Datasheet HTML 2Page - ON Semiconductor MMBT3906LT1 Datasheet HTML 3Page - ON Semiconductor MMBT3906LT1 Datasheet HTML 4Page - ON Semiconductor MMBT3906LT1 Datasheet HTML 5Page - ON Semiconductor MMBT3906LT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBT3906LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage (IC = −1.0 mAdc, IB = 0)
V(BR)CEO
−40
Vdc
Collector − Base Breakdown Voltage (IC = −10 mAdc, IE = 0)
V(BR)CBO
−40
Vdc
Emitter − Base Breakdown Voltage (IE = −10 mAdc, IC = 0)
V(BR)EBO
−5.0
Vdc
Base Cutoff Current (VCE = −30 Vdc, VEB = −3.0 Vdc)
IBL
−50
nAdc
Collector Cutoff Current (VCE = −30 Vdc, VEB = −3.0 Vdc)
ICEX
−50
nAdc
ON CHARACTERISTICS (Note 3)
DC Current Gain
(IC = −0.1 mAdc, VCE = −1.0 Vdc)
(IC = −1.0 mAdc, VCE = −1.0 Vdc)
(IC = −10 mAdc, VCE = −1.0 Vdc)
(IC = −50 mAdc, VCE = −1.0 Vdc)
(IC = −100 mAdc, VCE = −1.0 Vdc)
HFE
60
80
100
60
30
300
Collector − Emitter Saturation Voltage
(IC = −10 mAdc, IB = −1.0 mAdc)
(IC = −50 mAdc, IB = −5.0 mAdc)
VCE(sat)
−0.25
−0.4
Vdc
Base − Emitter Saturation Voltage
(IC = −10 mAdc, IB = −1.0 mAdc)
(IC = −50 mAdc, IB = −5.0 mAdc)
VBE(sat)
−0.65
−0.85
−0.95
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current − Gain — Bandwidth Product (IC = −10 mAdc, VCE = −20 Vdc, f = 100 MHz)
fT
250
MHz
Output Capacitance (VCB = −5.0 Vdc, IE = 0, f = 1.0 MHz)
Cobo
4.5
pF
Input Capacitance (VEB = −0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
10
pF
Input Impedance (IC = −1.0 mAdc, VCE = −10 Vdc, f = 1.0 kHz)
hie
2.0
12
k
Voltage Feedback Ratio (IC = −1.0 mAdc, VCE = −10 Vdc, f = 1.0 kHz)
hre
0.1
10
X 10−4
Small − Signal Current Gain (IC = −1.0 mAdc, VCE = −10 Vdc, f = 1.0 kHz)
hfe
100
400
Output Admittance (IC = −1.0 mAdc, VCE = −10 Vdc, f = 1.0 kHz)
hoe
3.0
60
mmhos
Noise Figure (IC = −100 mAdc, VCE = −5.0 Vdc, RS = 1.0 kΩ, f = 1.0 kHz)
NF
4.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = −3.0 Vdc, VBE = 0.5 Vdc,
td
35
ns
Rise Time
(VCC
3.0 Vdc, VBE
0.5 Vdc,
IC = −10 mAdc, IB1 = −1.0 mAdc)
tr
35
ns
Storage Time
(VCC = −3.0 Vdc, IC = −10 mAdc,
ts
225
ns
Fall Time
(VCC
3.0 Vdc, IC
10 mAdc,
IB1 = IB2 = −1.0 mAdc)
tf
75
ns
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
Figure 1. Delay and Rise Time
Equivalent Test Circuit
Figure 2. Storage and Fall Time
Equivalent Test Circuit
3 V
275
10 k
1N916
CS < 4 pF*
3 V
275
10 k
CS < 4 pF*
< 1 ns
+0.5 V
10.6 V
300 ns
DUTY CYCLE = 2%
< 1 ns
+9.1 V
10.9 V
DUTY CYCLE = 2%
t1
0
10 < t1 < 500 ms
* Total shunt capacitance of test jig and connectors


Similar Part No. - MMBT3906LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT3906LT1 MOTOROLA-MMBT3906LT1 Datasheet
221Kb / 8P
   General Purpose Transistor
logo
Leshan Radio Company
MMBT3906LT1 LRC-MMBT3906LT1 Datasheet
226Kb / 5P
   General Purpose Transistor(PNP Silicon)
logo
ON Semiconductor
MMBT3906LT1 ONSEMI-MMBT3906LT1 Datasheet
96Kb / 7P
   General Purpose Transistor PNP Silicon
July, 2007 - Rev. 6
logo
Tiger Electronic Co.,Lt...
MMBT3906LT1 TGS-MMBT3906LT1 Datasheet
43Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
WILLAS ELECTRONIC CORP
MMBT3906LT1 WILLAS-MMBT3906LT1 Datasheet
664Kb / 6P
   General Purpose Transistors PNP Silicon
More results

Similar Description - MMBT3906LT1

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
   General Purpose Transistor PNP Silicon
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Weitron Technology
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
   General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
   General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2SA727 SECOS-2SA727_15 Datasheet
250Kb / 2P
   PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
   General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
   GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
   PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
   PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
   PNP Silicon General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com