Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT4403LT1 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MMBT4403LT1
Description  Switching Transistor(PNP Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT4403LT1 Datasheet(HTML) 6 Page - ON Semiconductor

  MMBT4403LT1 Datasheet HTML 1Page - ON Semiconductor MMBT4403LT1 Datasheet HTML 2Page - ON Semiconductor MMBT4403LT1 Datasheet HTML 3Page - ON Semiconductor MMBT4403LT1 Datasheet HTML 4Page - ON Semiconductor MMBT4403LT1 Datasheet HTML 5Page - ON Semiconductor MMBT4403LT1 Datasheet HTML 6Page - ON Semiconductor MMBT4403LT1 Datasheet HTML 7Page - ON Semiconductor MMBT4403LT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MMBT4403LT1
http://onsemi.com
6
STATIC CHARACTERISTICS
Figure 14. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 15. Collector Saturation Region
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0.1
0.5
2.0
3.0
50
0.2
0.3
0
1.0
0.7
5.0 7.0
IC = 1.0 mA
0.07
0.05
0.03
0.02
0.01
10 mA
100 mA
10
20
30
0.3
0.5
0.7
1.0
3.0
0.1
0.5
2.0
3.0
10
50
70
0.2
0.3
0.2
100
1.0
0.7
500
30
20
5.0 7.0
TJ = 125°C
−55 °C
2.0
200
300
25°C
VCE = 1.0 V
VCE = 10 V
Figure 16. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
Figure 17. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
1.0 2.0
5.0
10
20
50
0
100
0.5
0
0.5
1.0
1.5
2.0
500
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(sat) @ VCE = 10 V
qVC for VCE(sat)
qVS for VBE
200
0.1 0.2
0.5
2.5
1.0 2.0
5.0
10
20
50 100
500
200
0.1 0.2
0.5
500 mA
0.005


Similar Part No. - MMBT4403LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT4403LT1 MOTOROLA-MMBT4403LT1 Datasheet
301Kb / 8P
   Switching Transistor
logo
Leshan Radio Company
MMBT4403LT1 LRC-MMBT4403LT1 Datasheet
254Kb / 5P
   General Purpose Transistor(PNP Silicon)
logo
Avic Technology
MMBT4403LT1 AVICTEK-MMBT4403LT1 Datasheet
38Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MMBT4403LT1 TGS-MMBT4403LT1 Datasheet
43Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
WILLAS ELECTRONIC CORP
MMBT4403LT1 WILLAS-MMBT4403LT1 Datasheet
437Kb / 6P
   General Purpose Transistors
More results

Similar Description - MMBT4403LT1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBT4126 SIEMENS-SMBT4126 Datasheet
96Kb / 4P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MMBT4403WT1 ONSEMI-MMBT4403WT1 Datasheet
177Kb / 6P
   Switching Transistor PNP Silicon
March, 2005 ??Rev. 2
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A Datasheet
141Kb / 7P
   PNP Silicon Switching Transistor
Jun-12-2002
logo
Zowie Technology Corpor...
MMBT4403GH ZOWIE-MMBT4403GH Datasheet
558Kb / 5P
   Switching Transistor PNP Silicon
logo
NTE Electronics
NTE106 NTE-NTE106 Datasheet
24Kb / 2P
   Silicon PNP Transistor Switching Transistor
logo
Microsemi Corporation
2N2907ADIE MICROSEMI-2N2907ADIE Datasheet
44Kb / 2P
   SWITCHING TRANSISTOR PNP SILICON
logo
Siemens Semiconductor G...
PZT3906 SIEMENS-PZT3906 Datasheet
119Kb / 5P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MPS3638A ONSEMI-MPS3638A Datasheet
215Kb / 8P
   Switching Transistor(PNP Silicon)
1997
logo
Microsemi Corporation
2N3250A MICROSEMI-2N3250A Datasheet
58Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
logo
Siemens Semiconductor G...
SMBT2907A SIEMENS-SMBT2907A Datasheet
248Kb / 7P
   PNP Silicon Switching Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com