Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I2040AG-08-TT Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # I2040AG-08-TT
Description  LCD Panel EMI Reduction IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

I2040AG-08-TT Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  I2040AG-08-TT Datasheet HTML 1Page - Alliance Semiconductor Corporation I2040AG-08-TT Datasheet HTML 2Page - Alliance Semiconductor Corporation I2040AG-08-TT Datasheet HTML 3Page - Alliance Semiconductor Corporation I2040AG-08-TT Datasheet HTML 4Page - Alliance Semiconductor Corporation I2040AG-08-TT Datasheet HTML 5Page - Alliance Semiconductor Corporation I2040AG-08-TT Datasheet HTML 6Page - Alliance Semiconductor Corporation I2040AG-08-TT Datasheet HTML 7Page - Alliance Semiconductor Corporation I2040AG-08-TT Datasheet HTML 8Page - Alliance Semiconductor Corporation I2040AG-08-TT Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
October 2005
P2040A
rev 1.2
LCD Panel EMI Reduction IC
5 of 9
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +7.0
V
TSTG
Storage temperature
-65 to +125
°C
TC
Operating temperature-Commercial
0 to 70
°C
TA
Operating temperature – Automotive
-40 to +125
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability
.
DC Electrical Characteristics
(Test condition: All parameters are measured at room temperature (+25°C) unless otherwise stated)
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS - 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD + 0.3
V
IIL
Input low current
(pull-up resistor on inputs SR0, SR1 and MRA)
-35
-
-
µA
IIH
Input high current (pull-down resistor on input SSON#)
-
-
35
µA
VOL
Output low voltage (VDD = 3.3V, IOL = 20mA)
-
-
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 20mA)
2.5
-
-
V
IDD
Static supply current standby mode
-
0.6
-
mA
ICC
Dynamic supply current (3.3V and 10pF loading)
7
10
13
mA
VDD
Operating voltage
2.7
3.3
3.7
V
tON
Power-up time (first locked cycle after power up)
-
0.18
-
mS
ZOUT
Clock output impedance
-
50
-
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
30
-
100
MHz
fOUT
Output frequency
30
-
100
MHz
tLH*
Output rise time (measured at 0.8V to 2.0V)
0.7
0.9
1.1
nS
tHL*
Output fall time (measured at 2.0V to 0.8V)
0.6
0.8
1.0
nS
tJC
Jitter (cycle to cycle)
-
-
360
pS
tD
Output duty cycle
45
50
55
%
*tLH and tHL are measured into a capacitive load of 15pF


Similar Part No. - I2040AG-08-TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
I2040AG-08-TT PULSECORE-I2040AG-08-TT Datasheet
356Kb / 9P
   LCD Panel EMI Reduction IC
More results

Similar Description - I2040AG-08-TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2040B PULSECORE-P2040B Datasheet
331Kb / 8P
   LCD Panel EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
   LCD Panel EMI Reduction IC
P2042A ALSC-P2042A Datasheet
353Kb / 8P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
PCS3P2042B ONSEMI-PCS3P2042B Datasheet
146Kb / 7P
   LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2182A PULSECORE-ASM3P2182A Datasheet
369Kb / 8P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P2042A ONSEMI-P2042A Datasheet
76Kb / 5P
   LCD Panel EMI Reduction IC
June, 2015 ??Rev. 6
logo
Alliance Semiconductor ...
ASM3P2184A ALSC-ASM3P2184A Datasheet
356Kb / 9P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P3P2043B ONSEMI-P3P2043B_12 Datasheet
120Kb / 5P
   LCD Panel EMI Reduction IC
July, 2012 ??Rev. 0
ASM3P2182A ONSEMI-ASM3P2182A_11 Datasheet
124Kb / 6P
   LCD Panel EMI Reduction IC
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P2040C ALSC-P2040C Datasheet
159Kb / 9P
   LCD Panel EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com