Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1820F-08ST Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # P1820F-08ST
Description  Low Power Mobile VGA EMI Reduction IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P1820F-08ST Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

  P1820F-08ST Datasheet HTML 1Page - Alliance Semiconductor Corporation P1820F-08ST Datasheet HTML 2Page - Alliance Semiconductor Corporation P1820F-08ST Datasheet HTML 3Page - Alliance Semiconductor Corporation P1820F-08ST Datasheet HTML 4Page - Alliance Semiconductor Corporation P1820F-08ST Datasheet HTML 5Page - Alliance Semiconductor Corporation P1820F-08ST Datasheet HTML 6Page - Alliance Semiconductor Corporation P1820F-08ST Datasheet HTML 7Page - Alliance Semiconductor Corporation P1820F-08ST Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
®
Low Power Mobile VGA EMI Reduction IC
6 of 8
March 2003
P1818/19/20/21/22
Notice: The information in this document is subject to change without notice.
AC Electrical Characteristics
3.3 V, 25
° C
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
10
160
MHz
fOUT
Output frequency
10
160
MHz
tLH
1
1. tLH and tHL are measured into a capacitive load of 15 pF
Output rise time
(measured at 0.8 V to 2.0 V)
–0.66
ns
tHL
1
Output fall time
(measured at 2.0 V to 0.8 V)
–0.65
ns
tJC
Jitter (cycle to cycle) at 20 MHz
-200
200
ps
tD
Output duty cycle
45
50
55
%


Similar Part No. - P1820F-08ST

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
P1820HDB NIKOSEM-P1820HDB Datasheet
199Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
P1820HDB UNIKC-P1820HDB Datasheet
817Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
P1820HTFB NIKOSEM-P1820HTFB Datasheet
202Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
P1820HTFB UNIKC-P1820HTFB Datasheet
812Kb / 8P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - P1820F-08ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P1819N ALSC-ASM3P1819N Datasheet
354Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
ASM3P1819N ONSEMI-ASM3P1819N Datasheet
109Kb / 6P
   Low Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P1817A PULSECORE-P1817A Datasheet
382Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
P1817A ONSEMI-P1817A Datasheet
120Kb / 7P
   Low-Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P1817A ALSC-P1817A Datasheet
302Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P1819N PULSECORE-ASM3P1819N Datasheet
332Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
   Low Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
   Low Power EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
   Low Power EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com