Electronic Components Datasheet Search |
|
ASM5P2309AG-1H-16-ST Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation |
|
ASM5P2309AG-1H-16-ST Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation |
6 / 20 page ASM5P2309A September 2005 ASM5P2305A rev 1.6 3.3V Zero Delay Buffer 6 of 20 Notice: The information in this document is subject to change without notice. Electrical Characteristics for ASM5P2305A and ASM5P2309A - Commercial Temperature Devices Parameter Description Test Conditions Min Typ Max Unit VIL Input LOW Voltage 5 0.8 V VIH Input HIGH Voltage 5 2.0 V IIL Input LOW Current VIN = 0V 50 µA IIH Input HIGH Current VIN = VDD 100 µA VOL Output LOW Voltage 6 IOL = 8mA (-1) IOH = 12mA (-1H) 0.4 V VOH Output HIGH Voltage 6 IOL = -8mA (-1) IOH = -12mA (-1H) 2.4 V IDD Supply Current Unloaded outputs at 66.67MHz, SEL inputs at VDD 34 mA Zo Output Impedance 23 Ω Switching Characteristics for ASM5P2305A-1 and ASM5P2309A-1 -- Commercial Temperature Devices 7 Parameter Description Test Conditions Min Typ Max Unit 1/t1 Output Frequency 30pF load 10pF load 15 15 100 133 MHz Duty Cycle 6 = (t2 / t1) * 100 Measured at 1.4V, FOUT = 66.67MHz 40 50 60 % t3 Output Rise Time 6 Measured between 0.8V and 2.0V 2.50 nS t4 Output Fall Time 6 Measured between 2.0V and 0.8V 2.50 nS t5 Output-to-output skew 6 All outputs equally loaded 250 pS t6 Delay, REF Rising Edge to CLKOUT Rising Edge 6 Measured at VDD /2 0 ±350 pS t7 Device-to-Device Skew 6 Measured at VDD/2 on the CLKOUT pins of the device 0 700 pS tJ Cycle-to-cycle jitter 6 Measured at 66.67MHz, loaded outputs 200 pS tLOCK PLL Lock Time 6 Stable power supply, valid clock presented on REF pin 1.0 mS Notes: 5. REF input has a threshold voltage of VDD /2 6. Parameter is guaranteed by design and characterization. Not 100% tested in production 7. All parameters specified with loaded outputs. |
Similar Part No. - ASM5P2309AG-1H-16-ST |
|
Similar Description - ASM5P2309AG-1H-16-ST |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |