Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5P2309AG-1H-16-TR Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM5P2309AG-1H-16-TR
Description  3.3V Zero Delay Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5P2309AG-1H-16-TR Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM5P2309AG-1H-16-TR Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5P2309AG-1H-16-TR Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5P2309AG-1H-16-TR Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5P2309AG-1H-16-TR Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5P2309AG-1H-16-TR Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5P2309AG-1H-16-TR Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5P2309AG-1H-16-TR Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5P2309AG-1H-16-TR Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5P2309AG-1H-16-TR Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ASM5P2309A
September 2005
ASM5P2305A
rev 1.6
3.3V Zero Delay Buffer
2 of 20
Notice: The information in this document is subject to change without notice.
Select Input Decoding for ASM5P2309A
S2
S1
Clock A1 - A4
Clock B1 - B4
CLKOUT
1
Output Source
PLL
Shut-Down
0
0
Three-state
Three-state
Driven
PLL
N
0
1
Driven
Three-state
Driven
PLL
N
1
0
Driven
Driven
Driven
Reference
Y
1
1
Driven
Driven
Driven
PLL
N
Notes:
1. This output is driven and has an internal feedback for the PLL. The load on this output can be adjusted to change the skew between the reference and the
output.
Zero Delay and Skew Control
All outputs should be uniformly loaded to achieve Zero
Delay between input and output. Since the CLKOUT pin is
the internal feedback to the PLL, its relative loading can
adjust the input-output delay.
For applications requiring zero input-output delay, all
outputs, including CLKOUT, must be equally loaded. Even
if CLKOUT is not used, it must have a capacitive load equal
to that on other outputs, for obtaining zero-input-output
delay.


Similar Part No. - ASM5P2309AG-1H-16-TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM5P2309AG-1H-16-TR PULSECORE-ASM5P2309AG-1H-16-TR Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
More results

Similar Description - ASM5P2309AG-1H-16-TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com