Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I2040CG-08TT Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # I2040CG-08TT
Description  LCD Panel EMI Reduction IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

I2040CG-08TT Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  I2040CG-08TT Datasheet HTML 1Page - Alliance Semiconductor Corporation I2040CG-08TT Datasheet HTML 2Page - Alliance Semiconductor Corporation I2040CG-08TT Datasheet HTML 3Page - Alliance Semiconductor Corporation I2040CG-08TT Datasheet HTML 4Page - Alliance Semiconductor Corporation I2040CG-08TT Datasheet HTML 5Page - Alliance Semiconductor Corporation I2040CG-08TT Datasheet HTML 6Page - Alliance Semiconductor Corporation I2040CG-08TT Datasheet HTML 7Page - Alliance Semiconductor Corporation I2040CG-08TT Datasheet HTML 8Page - Alliance Semiconductor Corporation I2040CG-08TT Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
September 2005
P2040C
rev 1.4
LCD Panel EMI Reduction IC
4 of 9
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +7.0
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
-20 to +85
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
For SOIC Package
156.5
өJA
Thermal Resistance from Junction
to Ambient ( No Air Flow)
For TSSOP Package
124
°C/W
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
DC Electrical Characteristics
(Test condition: All parameters are measured at room temperature (+25°C) unless otherwise stated)
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS - 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD + 0.3
V
IIL
Input low current (pull-up resistor on inputs SR0, SR1 and MRA)
-
-
-40
µA
IIH
Input high current (pull-down resistor on input SSON#)
-
-
40
µA
VOL
Output low voltage (VDD = 3.3V, IOL = 20mA)
-
-
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOL = 20mA)
2.5
-
-
V
IDD
Static supply current standby mode
-
0.7
-
mA
ICC
Dynamic supply current (3.3V and 10pF loading)
9
16
22
mA
VDD
Operating Voltage
3.0
3.3
3.6
V
tON
Power-up time (first locked cycle after power up)
-
0.18
-
mS
ZOUT
Clock output impedance
-
50
-
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
50
170
MHz
tLH*
Output rise time (measured at 0.8V to 2.0V)
0.3
0.7
1.0
nS
tHL*
Output fall time (measured at 2.0V to 0.8V)
0.3
0.7
1.0
nS
tJC
Jitter (cycle to cycle)
-
-
360
pS
tD
Output duty cycle
45
50
55
%
*tLH and tHL are measured into a capacitive load of 15pF


Similar Part No. - I2040CG-08TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
I2040CG-08TT PULSECORE-I2040CG-08TT Datasheet
160Kb / 9P
   LCD Panel EMI Reduction IC
More results

Similar Description - I2040CG-08TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2040B PULSECORE-P2040B Datasheet
331Kb / 8P
   LCD Panel EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2182A ALSC-ASM3P2182A Datasheet
392Kb / 7P
   LCD Panel EMI Reduction IC
P2042A ALSC-P2042A Datasheet
353Kb / 8P
   LCD Panel EMI Reduction IC
P2040A ALSC-P2040A Datasheet
354Kb / 9P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
PCS3P2042B ONSEMI-PCS3P2042B Datasheet
146Kb / 7P
   LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2182A PULSECORE-ASM3P2182A Datasheet
369Kb / 8P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P2042A ONSEMI-P2042A Datasheet
76Kb / 5P
   LCD Panel EMI Reduction IC
June, 2015 ??Rev. 6
logo
Alliance Semiconductor ...
ASM3P2184A ALSC-ASM3P2184A Datasheet
356Kb / 9P
   LCD Panel EMI Reduction IC
logo
ON Semiconductor
P3P2043B ONSEMI-P3P2043B_12 Datasheet
120Kb / 5P
   LCD Panel EMI Reduction IC
July, 2012 ??Rev. 0
ASM3P2182A ONSEMI-ASM3P2182A_11 Datasheet
124Kb / 6P
   LCD Panel EMI Reduction IC
August, 2011 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com