Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT59910A-7SO Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT59910A-7SO
Description  LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT59910A-7SO Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT59910A-7SO Datasheet HTML 1Page - Integrated Device Technology IDT59910A-7SO Datasheet HTML 2Page - Integrated Device Technology IDT59910A-7SO Datasheet HTML 3Page - Integrated Device Technology IDT59910A-7SO Datasheet HTML 4Page - Integrated Device Technology IDT59910A-7SO Datasheet HTML 5Page - Integrated Device Technology IDT59910A-7SO Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT59910A
LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
130 Ω
91Ω
VCC
Output
C L
CL = 50pF (CL = 30pF for -2 and -5 devices)
2.0V
tOR ISE
tOFAL L
0.8V
1ns
1ns
2.0V
0.8V
3.0V
0V
Vth = 1.5V
AC TEST LOADS AND WAVEFORMS
Test Load
TTL Input Test Waveform
TTL Output Waveform
RE F
FB
Q
OTHER Q
tREF
tPD
tSKEW
tSKEW
tJR
tOD CV
tOD CV
tRPW H
tRPWL
AC TIMING DIAGRAM
NOTES:
Skew: The time between the earliest and the latest output transition among all outputs when all are loaded with 50pF (30pF for -2 and -5) and terminated with 50
Ω to 2.06V.
tSKEW:
The skew between all outputs.
tDEV:
The output-to-output skew between any two devices operating under the same conditions (VCC, ambient temperature, air flow, etc.)
tODCV:
The deviation of the output from a 50% duty cycle.
tORISE and tOFALL are measured between 0.8V and 2V.
tLOCK:
The time that is required before synchronization is achieved. This specification is valid only after VCC is stable and within normal operating limits. This parameter
is measured from the application of a new signal or frequency at REF or FB until tPD is within specified limits.


Similar Part No. - IDT59910A-7SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A-2JI IDT-IDT5991A-2JI Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A-5JI IDT-IDT5991A-5JI Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A-7JI IDT-IDT5991A-7JI Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
More results

Similar Description - IDT59910A-7SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT59920A IDT-IDT59920A Datasheet
58Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT5V9910A IDT-IDT5V9910A Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5992A IDT-IDT5992A Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com