Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT59910A-2SOI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT59910A-2SOI
Description  LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT59910A-2SOI Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT59910A-2SOI Datasheet HTML 1Page - Integrated Device Technology IDT59910A-2SOI Datasheet HTML 2Page - Integrated Device Technology IDT59910A-2SOI Datasheet HTML 3Page - Integrated Device Technology IDT59910A-2SOI Datasheet HTML 4Page - Integrated Device Technology IDT59910A-2SOI Datasheet HTML 5Page - Integrated Device Technology IDT59910A-2SOI Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT59910A
LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
RECOMMENDED OPERATING RANGE
IDT59910A-5,-7
IDT59910A-2
(Industrial)
(Commercial)
Symbol
Description
Min.
Max.
Min.
Max.
Unit
VCC
Power Supply Voltage
4.5
5.5
4.75
5.25
V
TA
AmbientOperatingTemperature
-40
+85
0
+70
°C
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Typ.(2)
Max.
Unit
ICCQ
Quiescent Power Supply Current
VCC = Max., TEST = MID, REF = LOW,
10
40
mA
GND/sOE = LOW, All outputs unloaded
∆ICC
Power Supply Current per Input HIGH
VCC = Max., VIN = 3.4V
0.4
1.5
mA
ICCD
Dynamic Power Supply Current per Output
VCC = Max., CL = 0pF
100
160
µA/MHz
ITOT
Total Power Supply Current
VCC = 5V, FREF = 25MHz, CL = 240pF(1)
53
VCC = 5V, FREF = 33MHz, CL = 240pF(1)
63
mA
VCC = 5V, FREF = 66MHz, CL = 240pF(1)
117
NOTE:
1. For eight outputs, each loaded with 30pF.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Symbol
Parameter
Conditions
Min.
Max.
Unit
VIH
Input HIGH Voltage
Guaranteed Logic HIGH (REF, FB Inputs Only)
2
V
VIL
InputLOWVoltage
Guaranteed Logic LOW (REF, FB Inputs Only)
0.8
V
VIHH
Input HIGH Voltage(1)
3-Level Inputs Only
VCC
1—
V
VIMM
Input MID Voltage(1)
3-Level Inputs Only
VCC
/2
0.5
VCC
/2+0.5
V
VILL
InputLOWVoltage(1)
3-Level Inputs Only
1
V
IIN
InputLeakageCurrent
VIN = VCC or GND
±5
µA
(REF, FB Inputs Only)
VCC
= Max.
VIN = VCC
HIGH Level
±200
I3
3-Level Input DC Current (TEST, FS)
VIN = VCC/2
MID Level
±50
µA
VIN = GND
LOW Level
±200
IPU
Input Pull-Up Current (VCCQ/PE)
VCC
= Max., VIN = GND
±100
µA
IPD
Input Pull-Down Current (GND/sOE)
VCC
= Max., VIN = VCC
±100
µA
VOH
Output HIGH Voltage
VCC
= Min., IOH =
16mA
2.4
V
VCC
= Min., IOH =
40mA
VOL
OutputLOWVoltage
VCC
= Min., IOL = 46mA
0.45
V
IOS
OutputShortCircuitCurrent(2)
VCC
= Max., VO = GND
250
mA
NOTES:
1. These inputs are normally wired to VCC, GND, or unconnected. Internal termination resistors bias unconnected inputs to VCC/2. If these inputs are switched, the function and
timing of the outputs may be glitched, and the PLL may require an additional tLOCK time before all datasheet limits are achieved.
2. This is to be measured at 25°C with 10:1 duty cycle, one output at a time, and one second maximum.


Similar Part No. - IDT59910A-2SOI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A-2JI IDT-IDT5991A-2JI Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A-5JI IDT-IDT5991A-5JI Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A-7JI IDT-IDT5991A-7JI Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
More results

Similar Description - IDT59910A-2SOI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT59920A IDT-IDT59920A Datasheet
58Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT5V9910A IDT-IDT5V9910A Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5992A IDT-IDT5992A Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com