Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT5089LT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBT5089LT1
Description  Low Noise Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT5089LT1 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBT5089LT1 Datasheet HTML 1Page - ON Semiconductor MMBT5089LT1 Datasheet HTML 2Page - ON Semiconductor MMBT5089LT1 Datasheet HTML 3Page - ON Semiconductor MMBT5089LT1 Datasheet HTML 4Page - ON Semiconductor MMBT5089LT1 Datasheet HTML 5Page - ON Semiconductor MMBT5089LT1 Datasheet HTML 6Page - ON Semiconductor MMBT5089LT1 Datasheet HTML 7Page - ON Semiconductor MMBT5089LT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MMBT5088LT1 MMBT5089LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 100 µAdc, VCE = 5.0 Vdc)
MMBT5088
MMBT5089
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
MMBT5088
MMBT5089
(IC = 10 mAdc, VCE = 5.0 Vdc)
MMBT5088
MMBT5089
hFE
300
400
350
450
300
400
900
1200
Collector–Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
VCE(sat)
0.5
Vdc
Base–Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
VBE(sat)
0.8
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 500 µAdc, VCE = 5.0 Vdc, f = 20 MHz)
fT
50
MHz
Collector–Base Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz emitter guarded)
Ccb
4.0
pF
Emitter–Base Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz collector guarded)
Ceb
10
pF
Small Signal Current Gain
(IC = 1.0 mAdc, VCE = 5.0 Vdc, f = 1.0 kHz)
MMBT5088
MMBT5089
hfe
350
450
1400
1800
Noise Figure
(IC = 100 mAdc, VCE = 5.0 Vdc, RS = 10 kΩ, f = 1.0 kHz)
MMBT5088
MMBT5089
NF
3.0
2.0
dB
RS
in
en
IDEAL
TRANSISTOR
Figure 1. Transistor Noise Model


Similar Part No. - MMBT5089LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT5089LT1 MOTOROLA-MMBT5089LT1 Datasheet
298Kb / 6P
   Low Noise Transistors
logo
Leshan Radio Company
MMBT5089LT1 LRC-MMBT5089LT1 Datasheet
211Kb / 4P
   Low Noise Transistors(NPN Silicon)
logo
ON Semiconductor
MMBT5089LT1G ONSEMI-MMBT5089LT1G Datasheet
198Kb / 5P
   Low Noise Transistors NPN Silicon
August, 2009 ??Rev. 3
MMBT5089LT1G ONSEMI-MMBT5089LT1G Datasheet
188Kb / 5P
   Low Noise Transistors
October, 2016 ??Rev. 6
More results

Similar Description - MMBT5089LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT5088L ONSEMI-MMBT5088L Datasheet
188Kb / 5P
   Low Noise Transistors
October, 2016 ??Rev. 6
logo
Motorola, Inc
MRF959T1 MOTOROLA-MRF959T1 Datasheet
171Kb / 12P
   LOW NOISE TRANSISTORS
MRF2947 MOTOROLA-MRF2947 Datasheet
181Kb / 12P
   LOW NOISE TRANSISTORS
logo
ON Semiconductor
BC559B ONSEMI-BC559B Datasheet
84Kb / 4P
   Low Noise Transistors
1997
BC560C ONSEMI-BC560C Datasheet
137Kb / 4P
   Low Noise Transistors
June, 2009 ??Rev. 3
logo
Motorola, Inc
BC549B MOTOROLA-BC549B Datasheet
110Kb / 4P
   Low Noise Transistors
logo
ON Semiconductor
BC559 ONSEMI-BC559 Datasheet
131Kb / 4P
   Low Noise Transistors
August, 2006 ??Rev. 3
logo
Motorola, Inc
BC559 MOTOROLA-BC559 Datasheet
107Kb / 4P
   Low Noise Transistors
MRF949T1 MOTOROLA-MRF949T1 Datasheet
166Kb / 14P
   LOW NOISE TRANSISTORS
logo
ON Semiconductor
BC560CG ONSEMI-BC560CG Datasheet
98Kb / 4P
   Low Noise Transistors
July, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com