Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V416S10PHGI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT71V416S10PHGI
Description  3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V416S10PHGI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT71V416S10PHGI Datasheet HTML 1Page - Integrated Device Technology IDT71V416S10PHGI Datasheet HTML 2Page - Integrated Device Technology IDT71V416S10PHGI Datasheet HTML 3Page - Integrated Device Technology IDT71V416S10PHGI Datasheet HTML 4Page - Integrated Device Technology IDT71V416S10PHGI Datasheet HTML 5Page - Integrated Device Technology IDT71V416S10PHGI Datasheet HTML 6Page - Integrated Device Technology IDT71V416S10PHGI Datasheet HTML 7Page - Integrated Device Technology IDT71V416S10PHGI Datasheet HTML 8Page - Integrated Device Technology IDT71V416S10PHGI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
6.42
IDT71V416S, IDT71V416L, 3.3V CMOS Static RAM
4 Meg (256K x 16-Bit)
Commercial and Industrial Temperature Ranges
5
71V416S/L10(2)
71V416S/L12
71V416S/L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
10
____
12
____
15
____
ns
tAA
Address Access Time
____
10
____
12
____
15
ns
tACS
Chip Select Access Time
____
10
____
12
____
15
ns
tCLZ(1)
Chip Select Low to Output in Low-Z
4
____
4
____
4
____
ns
tCHZ(1)
Chip Select High to Output in High-Z
____
5
____
6
____
7ns
tOE
Output Enable Low to Output Valid
____
5
____
6
____
7ns
tOLZ(1)
Output Enable Low to Output in Low-Z
0
____
0
____
0
____
ns
tOHZ(1)
Output Enable High to Output in High-Z
____
5
____
6
____
7ns
tOH
Output Hold from Address Change
4
____
4
____
4
____
ns
tBE
Byte Enable Low to Output Valid
____
5
____
6
____
7ns
tBLZ(1)
Byte Enable Low to Output in Low-Z
0
____
0
____
0
____
ns
tBHZ(1)
Byte Enable High to Output in High-Z
____
5
____
6
____
7ns
WRITE CYCLE
tWC
Write Cycle Time
10
____
12
____
15
____
ns
tAW
Address Valid to End of Write
8
____
8
____
10
____
ns
tCW
Chip Select Low to End of Write
8
____
8
____
10
____
ns
tBW
Byte Enable Low to End of Write
8
____
8
____
10
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
ns
tWR
Address Hold from End of Write
0
____
0
____
0
____
ns
tWP
Write Pulse Width
8
____
8
____
10
____
ns
tDW
Data Valid to End of Write
5
____
6
____
7
____
ns
tDH
Data Hold Time
0
____
0
____
0
____
ns
tOW(1)
Write Enable High to Output in Low-Z
3
____
3
____
3
____
ns
tWHZ(1)
Write Enable Low to Output in High-Z
____
6
____
7
____
7ns
3624 tbl 10
Timing Waveform of Read Cycle No. 1(1,2,3)
AC Electrical Characteristics
(VDD = Min. to Max., Commercial and Industrial Temperature Ranges)
NOTE:
1. This parameter is guaranteed with the AC Load (Figure 2) by device characterization, but is not production tested.
2. Low power 10ns (L10) speed 0ºC to +70ºC temperature range only.
DATAOUT
ADDRESS
3624 drw 06
tRC
tAA
tOH
DATAOUT VALID
PREVIOUS DATAOUT VALID
tOH
NOTES:
1.
WE is HIGH for Read Cycle.
2. Device is continuously selected,
CS is LOW.
3.
OE, BHE, and BLE are LOW.


Similar Part No. - IDT71V416S10PHGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V416S12Y IDT-IDT71V416S12Y Datasheet
29Kb / 2P
   3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S15Y IDT-IDT71V416S15Y Datasheet
29Kb / 2P
   3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
More results

Similar Description - IDT71V416S10PHGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
   3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416L10BEI IDT-IDT71V416L10BEI Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S IDT-IDT71V416S_13 Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Single 3.3V power supply
IDT71028S70 IDT-IDT71028S70 Datasheet
56Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71028 IDT-IDT71028 Datasheet
59Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
logo
Pyramid Semiconductor C...
P4C1041 PYRAMID-P4C1041 Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com