Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KFG2816D1M-PID Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KFG2816D1M-PID
Description  OneNAND SPECIFICATION
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFG2816D1M-PID Datasheet(HTML) 4 Page - Samsung semiconductor

  KFG2816D1M-PID Datasheet HTML 1Page - Samsung semiconductor KFG2816D1M-PID Datasheet HTML 2Page - Samsung semiconductor KFG2816D1M-PID Datasheet HTML 3Page - Samsung semiconductor KFG2816D1M-PID Datasheet HTML 4Page - Samsung semiconductor KFG2816D1M-PID Datasheet HTML 5Page - Samsung semiconductor KFG2816D1M-PID Datasheet HTML 6Page - Samsung semiconductor KFG2816D1M-PID Datasheet HTML 7Page - Samsung semiconductor KFG2816D1M-PID Datasheet HTML 8Page - Samsung semiconductor KFG2816D1M-PID Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 87 page
background image
OneNAND128
FLASH MEMORY
4
1. FEATURES
• Design Technology: 0.12µm
• Voltage Supply
- 1.8V device(KFG2816Q1M) : 1.7V~1.95V
- 2.65V device(KFG2816D1M) : 2.4V~2.9V
- 3.3V device(KFG2816U1M) : 2.7V~3.6V
• Organization
- Host Interface:16bit
• Internal BufferRAM(3K Bytes)
- 1KB for BootRAM, 2KB for DataRAM
• NAND Array
- Page Size : (1K+32)bytes
- Block Size : (64K+2K)bytes
♦ Architecture
• Host Interface type
- Synchronous Burst Read
: Clock Frequency: up to 54MHz
: Linear Burst - 4 , 8 , 16 , 32 words with wrap-around
: Continuous Sequential Burst(512 words)
- Asynchronous Random Read
: Access time of 76ns
- Asynchronous Random Write
• Programmable Read latency
• Multiple Sector Read
- Read multiple sectors by Sector Count Register(up to 2 sectors)
• Multiple Reset
- Cold Reset / Warm Reset / Hot Reset / NAND Flash Reset
• Power dissipation (typical values, CL=30pF)
- Standby current : 10uA@1.8V device, 15uA@2.65V/3.3V device
- Synchronous Burst Read current(54MHz) : 12mA@1.8V device, 20mA@2.65V/3.3V device
- Load current : 20mA@1.8V device, 20mA@2.65V/3.3V device
- Program current: 20mA@1.8V device, 20mA@2.65V/3.3V device
- Erase current: 15mA@1.8V device, 18mA@2.65V/3.3V device
• Reliable CMOS Floating-Gate Technology
- Endurance : 100K Program/Erase Cycles
- Data Retention : 10 Years
♦ Performance
• Voltage detector generating internal reset signal from Vcc
• Hardware reset input (RP)
• Data Protection
- Write Protection mode for BootRAM
- Write Protection mode for NAND Flash Array
- Write protection during power-up
- Write protection during power-down
• User-controlled One Time Programmable(OTP) area
• Internal 2bit EDC / 1bit ECC
• Internal Bootloader supports Booting Solution in system
♦ Hardware Features
• Handshaking Feature
- INT pin: Indicates Ready / Busy of OneNAND
- Polling method: Provides a software method of detecting the Ready / Busy status of OneNAND
• Detailed chip information by ID register
♦ Software Features
• Package
- 67ball, 7mm x 9mm x max 1.0mmt , 0.8mm ball pitch FBGA
- 48 TSOP 1, 12mm x 20mm, 0.5mm pitch
♦ Packaging


Similar Part No. - KFG2816D1M-PID

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KFG2G1612M-DEB5 SAMSUNG-KFG2G1612M-DEB5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G1612M-DED5 SAMSUNG-KFG2G1612M-DED5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G16D2M-DEB5 SAMSUNG-KFG2G16D2M-DEB5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G16D2M-DEB6 SAMSUNG-KFG2G16D2M-DEB6 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G16D2M-DED5 SAMSUNG-KFG2G16D2M-DED5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
More results

Similar Description - KFG2816D1M-PID

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KFG5616Q1A-DEB5 SAMSUNG-KFG5616Q1A-DEB5 Datasheet
1Mb / 113P
   OneNAND Specification FLASH MEMORY
KFG5616Q1A-DEB6 SAMSUNG-KFG5616Q1A-DEB6 Datasheet
1Mb / 113P
   OneNAND Specification FLASH MEMORY
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
logo
Vectron International, ...
TFS71D VECTRON-TFS71D Datasheet
37Kb / 3P
   Specification
TFS161A VECTRON-TFS161A Datasheet
39Kb / 5P
   Specification
logo
Samsung semiconductor
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
   SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
   SPECIFICATION
logo
List of Unclassifed Man...
ISR3SAD100 ETC2-ISR3SAD100 Datasheet
93Kb / 1P
   SPECIFICATION
logo
Samsung semiconductor
CL05A474KQ5NNNC SAMSUNG-CL05A474KQ5NNNC Datasheet
135Kb / 2P
   SPECIFICATION
CL31A226KAHNNNE SAMSUNG-CL31A226KAHNNNE Datasheet
80Kb / 2P
   SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com