Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTL2R3CBK5 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTL2R3CBK5
Description  Low Power consumption
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2R3CBK5 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTL2R3CBK5 Datasheet HTML 1Page - Lite-On Technology Corporation LTL2R3CBK5 Datasheet HTML 2Page - Lite-On Technology Corporation LTL2R3CBK5 Datasheet HTML 3Page - Lite-On Technology Corporation LTL2R3CBK5 Datasheet HTML 4Page - Lite-On Technology Corporation LTL2R3CBK5 Datasheet HTML 5Page - Lite-On Technology Corporation LTL2R3CBK5 Datasheet HTML 6Page - Lite-On Technology Corporation LTL2R3CBK5 Datasheet HTML 7Page - Lite-On Technology Corporation LTL2R3CBK5 Datasheet HTML 8Page - Lite-On Technology Corporation LTL2R3CBK5 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Absolute Maximum Ratings at TA=25℃
Parameter
Maximum Rating
Unit
Power Dissipation
135
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
100
mA
DC Forward Current
30
mA
Derating Linear From 30℃
0.5
mA/℃
Reverse Voltage
5
V
Electrostatic Discharge Threshold(HBM) Note A
1000
V
Operating Temperature Range
-20
to +
80℃
Storage Temperature Range
-30
to + 100
℃℃
Lead Soldering Temperature
[1.6mm(.063") From Body]
260
for 5 Seconds
Note A :
Product resistance to electrostatic discharge (ESD) according to the HBM is measured by simulating ESD using a rapid
avalanche test (RAET). The RAET procedures are designed to approximate the maximum ESD ratings shown.
The RAET procedure is performed on each die. The ESD classification of Class II is based on sample testing according to
MIL-STD 883E. (From CREE official DS).
Part No. : LTL2R3CBK5
Page :
2
of
10
BNS-OD-C131/A4


Similar Part No. - LTL2R3CBK5

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL2R3EW3KS LITEON-LTL2R3EW3KS Datasheet
637Kb / 11P
   Through Hole Lamp
LTL2R3EW3KS-032A LITEON-LTL2R3EW3KS-032A Datasheet
661Kb / 12P
   Through Hole Lamp
LTL2R3FDNN LITEON-LTL2R3FDNN Datasheet
214Kb / 7P
   Property of Lite-On Only
LTL2R3FU3JSR LITEON-LTL2R3FU3JSR Datasheet
938Kb / 11P
   Through Hole Lamp
LTL2R3JDDNN LITEON-LTL2R3JDDNN Datasheet
214Kb / 7P
   Property of Lite-On Only
More results

Similar Description - LTL2R3CBK5

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com