Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C21634-24LFX Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C21634-24LFX
Description  PSoC Mixed-Signal Array
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21634-24LFX Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C21634-24LFX Datasheet HTML 6Page - Cypress Semiconductor CY8C21634-24LFX Datasheet HTML 7Page - Cypress Semiconductor CY8C21634-24LFX Datasheet HTML 8Page - Cypress Semiconductor CY8C21634-24LFX Datasheet HTML 9Page - Cypress Semiconductor CY8C21634-24LFX Datasheet HTML 10Page - Cypress Semiconductor CY8C21634-24LFX Datasheet HTML 11Page - Cypress Semiconductor CY8C21634-24LFX Datasheet HTML 12Page - Cypress Semiconductor CY8C21634-24LFX Datasheet HTML 13Page - Cypress Semiconductor CY8C21634-24LFX Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
April 20, 2005
Document No. 38-12025 Rev. *G
10
CY8C21x34 Final Data Sheet
1. Pin Information
1.1.3
28-Pin Part Pinout
Table 1-3. 28-Pin Part Pinout (SSOP)
Pin
No.
Type
Name
Description
CY8C21534 28-Pin PSoC Device
Digital
Analog
1
IO
I, M
P0[7]
Analog column mux input.
2
IO
I, M
P0[5]
Analog column mux input and column
output.
3
IO
I, M
P0[3]
Analog column mux input and column
output, integrating input.
4
IO
I, M
P0[1]
Analog column mux input, integrating
input.
5
IO
M
P2[7]
6
IO
M
P2[5]
7
IO
I, M
P2[3]
Direct switched capacitor block input.
8
IO
I, M
P2[1]
Direct switched capacitor block input.
9
Power
Vss
Ground connection.
10
IO
M
P1[7]
I2C Serial Clock (SCL).
11
IO
M
P1[5]
I2C Serial Data (SDA).
12
IO
M
P1[3]
13
IO
M
P1[1]
I2C Serial Clock (SCL), ISSP-SCLK.
14
Power
Vss
Ground connection.
15
IO
M
P1[0]
I2C Serial Data (SDA), ISSP-SDATA.
16
IO
M
P1[2]
17
IO
M
P1[4]
Optional External Clock Input (EXT-
CLK).
18
IO
M
P1[6]
19
Input
XRES
Active high external reset with internal
pull down.
20
IO
I, M
P2[0]
Direct switched capacitor block input.
21
IO
I, M
P2[2]
Direct switched capacitor block input.
22
IO
M
P2[4]
23
IO
M
P2[6]
24
IO
I, M
P0[0]
Analog column mux input.
25
IO
I, M
P0[2]
Analog column mux input.
26
IO
I, M
P0[4]
Analog column mux input
27
IO
I, M
P0[6]
Analog column mux input.
28
Power
Vdd
Supply voltage.
LEGEND
A: Analog, I: Input, O = Output, and M = Analog Mux Input.
A, I, M, P0[7]
A, I, M, P0[5]
A, I, M, P0[3]
A, I, M, P0[1]
M,P2[7]
M,P2[5]
M, P2[3]
M, P2[1]
Vss
M,I2C SCL, P1[7]
M,I2C SDA, P1[5]
M,P1[3]
M,I2C SCL, P1[1]
Vss
Vdd
P0[6], A, I, M
P0[4], A, I, M
P0[2], A, I, M
P0[0], A, I, M
P2[6],M
P2[4],M
P2[2],M
P2[0],M
XRES
P1[6],M
P1[4],EXTCLK,M
P1[2],M
P1[0],I2C SDA, M
SSOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15


Similar Part No. - CY8C21634-24LFX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21634-24LFXI CYPRESS-CY8C21634-24LFXI Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21634-24LFXI CYPRESS-CY8C21634-24LFXI Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21634-24LFXI CYPRESS-CY8C21634-24LFXI Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C21634-24LFXIT CYPRESS-CY8C21634-24LFXIT Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21634-24LFXIT CYPRESS-CY8C21634-24LFXIT Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
More results

Similar Description - CY8C21634-24LFX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C22113 CYPRESS-CY8C22113_04 Datasheet
754Kb / 36P
   PSoC??Mixed Signal Array
CY8C24123 CYPRESS-CY8C24123 Datasheet
632Kb / 41P
   PSoC Mixed Signal Array
CY8C27143 CYPRESS-CY8C27143 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C21123 CYPRESS-CY8C21123 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C24123A CYPRESS-CY8C24123A Datasheet
499Kb / 47P
   PSoC Mixed-Signal Array
CY8C22213 CYPRESS-CY8C22213 Datasheet
2Mb / 304P
   PSoC Mixed Signal Array
CY8C27466 CYPRESS-CY8C27466 Datasheet
799Kb / 39P
   PSoC??Mixed Signal Array
CY8C29466 CYPRESS-CY8C29466 Datasheet
474Kb / 40P
   Mixed Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com