Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I2782A-08TR Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # I2782A-08TR
Description  General Purpose EMI Reduction IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

I2782A-08TR Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  I2782A-08TR Datasheet HTML 1Page - Alliance Semiconductor Corporation I2782A-08TR Datasheet HTML 2Page - Alliance Semiconductor Corporation I2782A-08TR Datasheet HTML 3Page - Alliance Semiconductor Corporation I2782A-08TR Datasheet HTML 4Page - Alliance Semiconductor Corporation I2782A-08TR Datasheet HTML 5Page - Alliance Semiconductor Corporation I2782A-08TR Datasheet HTML 6Page - Alliance Semiconductor Corporation I2782A-08TR Datasheet HTML 7Page - Alliance Semiconductor Corporation I2782A-08TR Datasheet HTML 8Page - Alliance Semiconductor Corporation I2782A-08TR Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
July 2005
P2781/82/84
rev 1.5
Alliance Semiconductor
2575, Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
General Purpose EMI Reduction IC
Features
Provides up to 15dB of EMI suppression
FCC approved method of EMI attenuation
Generates a 1X, 2X, and 4X low EMI spread
spectrum clock of the input frequency
Input frequency range from 3 to 78MHz
External loop filter for spread % adjustment
Spreading ranges from ±0.25% to ±5.0%
Ultra low cycle-to-cycle jitter
Zero-cycle slip
3.3V operating voltage range
10 mA output drives
TTL or CMOS compatible outputs
Ultra-low power CMOS design
P278XA is available in 8 pin SOIC and TSSOP
Packages
Available for industrial and automotive
temperature ranges.
Product Description
The P278xA is a versatile spread spectrum frequency
modulator designed specifically for digital camera and
other digital video and imaging applications. The P278xA
reduces electromagnetic interference (EMI) at the clock
source, which provides system wide reduction of EMI of
all clock dependent signals. The P278xA allows
significant system cost savings by reducing the number of
circuit board layers and shielding that are traditionally
required to pass EMI regulations.
The P278xA uses the most efficient and optimized
modulation profile approved by the FCC. The P278xA
modulates the output of a single PLL in order to “spread”
the bandwidth of a synthesized clock and, more
importantly, decreases the peak amplitudes of its
harmonics. This results in significantly lower system EMI
compared to the typical narrow band signal produced by
oscillators and most frequency generators. Lowering EMI
by increasing a signal’s bandwidth is called spread
spectrum clock generation.
Applications
The P278xA is targeted towards MFP, xDSL, fax modem,
set-top box, USB controller, DSC, and embedded systems.
Block Diagram
Crystal
Oscillator
Frequency
Divider
Feedback
Divider
Phase
Detector
Modulation
Output
Divider
VCO
XIN /CLKIN
XOUT
FS0
FS1
LF
VDD
VSS
PLL
ModOUT


Similar Part No. - I2782A-08TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
I2782AF-08SR PULSECORE-I2782AF-08SR Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
I2782AF-08ST PULSECORE-I2782AF-08ST Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
I2782AF-08TR PULSECORE-I2782AF-08TR Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
I2782AF-08TT PULSECORE-I2782AF-08TT Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
I2782AG-08SR PULSECORE-I2782AG-08SR Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
More results

Similar Description - I2782A-08TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2027A PULSECORE-P2027A Datasheet
176Kb / 8P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2781 ONSEMI-P2781 Datasheet
154Kb / 8P
   General Purpose EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
P2681A ALSC-P2681A Datasheet
471Kb / 10P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2008A ONSEMI-P2008A Datasheet
124Kb / 7P
   General Purpose EMI Reduction IC
August, 2011 ??Rev. 3
P2027A ONSEMI-P2027A Datasheet
112Kb / 7P
   General Purpose EMI Reduction IC
August, 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2027A ALSC-P2027A Datasheet
549Kb / 9P
   General Purpose EMI Reduction IC
P2008A ALSC-P2008A Datasheet
172Kb / 9P
   General Purpose EMI Reduction IC
logo
PulseCore Semiconductor
P2008A PULSECORE-P2008A Datasheet
173Kb / 8P
   General Purpose EMI Reduction IC
P2781 PULSECORE-P2781 Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com