Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1822H-08SR Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # P1822H-08SR
Description  Low Power Mobile VGA EMI Reduction IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P1822H-08SR Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

  P1822H-08SR Datasheet HTML 1Page - Alliance Semiconductor Corporation P1822H-08SR Datasheet HTML 2Page - Alliance Semiconductor Corporation P1822H-08SR Datasheet HTML 3Page - Alliance Semiconductor Corporation P1822H-08SR Datasheet HTML 4Page - Alliance Semiconductor Corporation P1822H-08SR Datasheet HTML 5Page - Alliance Semiconductor Corporation P1822H-08SR Datasheet HTML 6Page - Alliance Semiconductor Corporation P1822H-08SR Datasheet HTML 7Page - Alliance Semiconductor Corporation P1822H-08SR Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
®
© Copyright 2003 Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product
names may be the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility
for any errors that may appear in this document. The data contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this
data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to
be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any
responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including
liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's Terms and Conditions of Sale
(which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a
license under any patent rights, copyrights, mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical
components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting
systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use.
Low Power Mobile VGA EMI Reduction IC
8 of 8
March 2003
P1818/19/20/21/22
Notice: The information in this document is subject to change without notice.
Ordering Information
1. Flow prefix:
I = industrial temperature range (-40
° C to 85° C)
P = commercial temperature range (0
° C to 70° C)
2. Device number
3. Deviation (%) and spread option identifier
4. Device pin count
5. Package identifier:
ST = SOIC in tube
SR = SOIC in tape and reel
TT = TSSOP in tube
TR = TSSOP in tape and reel
Example:
Licensed under U.S. patent numbers 5,488,627 and 5,631,920.
X18XX
X
-08
XX
12345
Ordering
number
Marking
Input
frequency
(MHz)
Frequency
deviation
(%)
Package
type
Qty. /
reel
Temp1
1. Products are available for industrial temperature range operation. Please contact factory for more information.
P1818A-08ST
P1818A
10 – 20
-2.5, -3.5
8 PIN SOIC, TUBE
0°C to 70°C
P1818A-08SR
P1818A
10 – 20
-2.5, -3.5
8 PIN SOIC, TAPE &
REEL
2,500
0°C to 70°C
P1818A-08TT
P1818A
10 – 20
-2.5, -3.5
8 PIN TSSOP, TUBE
0°C to 70°C
P1818A-08TR
P1818A
10 – 20
-2.5, -3.5
8 PIN TSSOP, TAPE &
REEL
2,500
0°C to 70°C


Similar Part No. - P1822H-08SR

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
P1820HDB NIKOSEM-P1820HDB Datasheet
199Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
P1820HDB UNIKC-P1820HDB Datasheet
817Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
P1820HTFB NIKOSEM-P1820HTFB Datasheet
202Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
P1820HTFB UNIKC-P1820HTFB Datasheet
812Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
P1825HDB NIKOSEM-P1825HDB Datasheet
200Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - P1822H-08SR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P1819N ALSC-ASM3P1819N Datasheet
354Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
ASM3P1819N ONSEMI-ASM3P1819N Datasheet
109Kb / 6P
   Low Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P1817A PULSECORE-P1817A Datasheet
382Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
P1817A ONSEMI-P1817A Datasheet
120Kb / 7P
   Low-Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P1817A ALSC-P1817A Datasheet
302Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P1819N PULSECORE-ASM3P1819N Datasheet
332Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
   Low Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
   Low Power EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
   Low Power EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com