Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X2782A-08SR Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # X2782A-08SR
Description  General Purpose EMI Reduction IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

X2782A-08SR Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  X2782A-08SR Datasheet HTML 1Page - Alliance Semiconductor Corporation X2782A-08SR Datasheet HTML 2Page - Alliance Semiconductor Corporation X2782A-08SR Datasheet HTML 3Page - Alliance Semiconductor Corporation X2782A-08SR Datasheet HTML 4Page - Alliance Semiconductor Corporation X2782A-08SR Datasheet HTML 5Page - Alliance Semiconductor Corporation X2782A-08SR Datasheet HTML 6Page - Alliance Semiconductor Corporation X2782A-08SR Datasheet HTML 7Page - Alliance Semiconductor Corporation X2782A-08SR Datasheet HTML 8Page - Alliance Semiconductor Corporation X2782A-08SR Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
July 2005
P2781/82/84
rev 1.5
General Purpose EMI Reduction IC
3 of 11
Notice: The information in this document is subject to change without notice.
Loop Filter Selection Table VDD 3.3V
Contact Alliance for loop values that are not listed in the table and for component
selection values for industrial and automotive temperatures.
BW = ±0.50%
1
BW = ±0.75%
1
BW = ±1.00%
1
BW = ±1.25%
1
Input
MHz
FS1
FS0
C1
(pF)
C2
(pF)
R1
(ohm)
C1
(pF)
C2
(pF)
R1
(ohm)
C1
(pF)
C2
(pF)
R1
(ohm)
C1
(pF)
C2
(pF)
R1
(ohm)
3
0
0
270
330,000
220
270
330,000
300
270
100,000
390
560
100,000
510
4
0
0
270
100,000
270
270
100,000
390
270
100,000
560
560
100,000
680
5
0
0
270
100,000
390
270
100,000
560
270
100,000
750
560
100,000
910
6
0
0
270
100,000
510
270
100,000
750
270
10,000
1,000
680
6,800
1,200
7
0
0
270
100,000
620
270
100,000 1,000
270
5,600
1,200
330
3,300
1,200
8
0
0
270
100,000
820
270
100,000 1,200
270
12,000
2,200
680
6,800
2,200
9
0
0
270
100,000 1,000
270
100,000 1,500
270
5,600
2,200
270
2,700
2,200
10
0
1
270
100,000
330
270
100,000
510
270
100,000
750
560
100,000
910
11
0
1
270
100,000
390
270
100,000
560
270
100,000 866(1%)
560
100,000
1,100
12
0
1
270
100,000
510
270
100,000
750
270
10,000
1,000
680
6,800
1,200
13
0
1
270
100,000
560
270
100,000
820
270
12,000
1,200
470
4,700
1,200
14
0
1
270
100,000
620
270
100,000 1,000
270
5,600
1,200
330
3,300
1,200
15
0
1
270
100,000
750
270
100,000 1,100
270
3,900
1,200
330
3,300
1,500
16
0
1
270
100,000
820
270
100,000 1,200
270
12,000
2,200
680
6,800
2,200
17
0
1
270
100,000
910
270
100,000 1,300
270
10,000
2,200
390
3,900
2,200
18
0
1
270
100,000 1,000
270
100,000 1,500
270
5,600
2,200
270
2,700
2,200
19
0
1
270
100,000 1,200
270
100,000 1,600
270
3,300
2,200
270
2,700
2,700
20
0
0
270
100,000
330
270
100,000
560
270
100,000
750
560
100,000
910
21-22
1
0
270
100,000
390
270
100,000
620
270
100,000 866 (1%) 560
100,000
1,100
23-24
1
0
270
100,000
510
270
100,000
750
270
10,000
1,000
680
6,800
1,200
25-26
1
0
270
100,000
560
270
100,000
820
270
12,000
1,200
470
4,700
1,200
27-28
1
0
270
100,000
620
270
100,000 1,000
270
6,800
1,200
330
3,300
1,200
29-30
1
0
270
100,000
750
270
100,000 1,100
270
3,900
1,200
330
3,300
1,500
31-32
1
0
270
100,000
820
270
100,000 1,200
270
12,000
2,200
680
6,800
2,200
33-34
1
0
270
100,000
910
270
100,000 1,300
270
10,000
2,200
390
3,900
2,200
35-36
1
0
270
100,000 1,000
270
100,000 1,500
270
5,600
2,200
270
2,700
2,200
37-38
1
0
270
100,000 1,200
270
100,000 1,600
270
3,300
2,200
270
2,700
2,700
39-42
1
1
270
100,000
330
270
100,000
560
270
100,000
750
560
100,000
910
43-46
1
1
270
100,000
390
270
100,000
620
270
100,000 866 (1%) 560
100,000
1,100
47-50
1
1
270
100,000
510
270
100,000
750
270
10,000
1,000
680
6,800
1,200
51-54
1
1
270
100,000
560
270
100,000
820
270
12,000
1,200
470
4,700
1,200
55-58
1
1
270
100,000
620
270
100,000 1,000
270
6,800
1,200
330
3,300
1,200
59-62
1
1
270
100,000
750
270
100,000 1,100
270
3,900
1,200
330
3,300
1,500
63-66
1
1
270
100,000
820
270
100,000 1,200
270
12,000
2,200
680
6,800
2,200
67-70
1
1
270
100,000
910
270
100,000 1,300
270
8,200
2,200
390
3,900
2,200
71-74
1
1
270
100,000 1,000
270
100,000 1,600
270
5,600
2,200
270
2,700
2,200
75-78
1
1
270
100,000 1,200
270
100,000 1,800
270
3,300
2,200
270
2,700
2,700
1 The BW value is representative of typical conditions


Similar Description - X2782A-08SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2027A PULSECORE-P2027A Datasheet
176Kb / 8P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2781 ONSEMI-P2781 Datasheet
154Kb / 8P
   General Purpose EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
P2681A ALSC-P2681A Datasheet
471Kb / 10P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2008A ONSEMI-P2008A Datasheet
124Kb / 7P
   General Purpose EMI Reduction IC
August, 2011 ??Rev. 3
P2027A ONSEMI-P2027A Datasheet
112Kb / 7P
   General Purpose EMI Reduction IC
August, 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2027A ALSC-P2027A Datasheet
549Kb / 9P
   General Purpose EMI Reduction IC
P2008A ALSC-P2008A Datasheet
172Kb / 9P
   General Purpose EMI Reduction IC
logo
PulseCore Semiconductor
P2008A PULSECORE-P2008A Datasheet
173Kb / 8P
   General Purpose EMI Reduction IC
P2781 PULSECORE-P2781 Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com