Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1818F-08TT Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # P1818F-08TT
Description  Low Power Mobile VGA EMI Reduction IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P1818F-08TT Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  P1818F-08TT Datasheet HTML 1Page - Alliance Semiconductor Corporation P1818F-08TT Datasheet HTML 2Page - Alliance Semiconductor Corporation P1818F-08TT Datasheet HTML 3Page - Alliance Semiconductor Corporation P1818F-08TT Datasheet HTML 4Page - Alliance Semiconductor Corporation P1818F-08TT Datasheet HTML 5Page - Alliance Semiconductor Corporation P1818F-08TT Datasheet HTML 6Page - Alliance Semiconductor Corporation P1818F-08TT Datasheet HTML 7Page - Alliance Semiconductor Corporation P1818F-08TT Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
®
Low Power Mobile VGA EMI Reduction IC
4 of 8
March 2003
P1818/19/20/21/22
Notice: The information in this document is subject to change without notice.
Frequency vs. Deviation (P1818A and P1818H)
Pin Description
Frequency
Deviation in P1818A
Deviation in P1818H
SRS = 1
SRS = 0
D_C = 1
D_C = 0
10 MHz
-4.4%
-3.3%
-4.4%
±2.2%
15 MHz
-1.8%
-1.26%
-1.8%
±0.9%
20 MHz
-0.8%
-0.6%
-0.8%
±0.4%
Pin
number
Name
Type
Description
1
XIN
I
Connect to externally generated clock signal or crystal.
2
VSS
P
Ground Connection. Connect to system ground.
3
SRS
I
Spread Range Select. Digital logic input used to select frequency devi-
ation (see Spread Deviation Selections). This pin has an internal pull-
up resistor.
31
1. Please refer to Figure 1 for pin assignment.
D_C
I
Digital logic input used to select Down (LOW) or Center (HIGH) Spread
Options (see Spread Deviation Selections). This pin has an internal
pull-up resistor.
4
ModOut
O
Spread Spectrum clock output (see Input Frequency and Modulation
Rate Selections and Spread Deviation Selections).
5
REF
O
Non-modulated reference output clock of the input frequency.
5/61
FRS
I
Frequency Range Select. Digital logic input used to select input fre-
quency range (see Input Frequency and Modulation Rate Selections).
This pin has an internal pull-up resistor.
61
PD#
I
Power-Down control pin. Pull LOW to enable Power-Down mode. This
pin has an internal pull-up resistor.
7
VDD
P
Connect to +3.3V
8
XOUT
I
Connect to crystal. No connect if externally generated clock signal is
used.
81
MRS
I
Modulation Rate Select. Digital logic input used to select Modulation
Rate (see Spread Deviation Selections). This pin has an internal pull-
up resistor.


Similar Part No. - P1818F-08TT

ManufacturerPart #DatasheetDescription
logo
Wuxi U-NIKC Semiconduct...
P1810ATX UNIKC-P1810ATX Datasheet
341Kb / 5P
   N-Channel Enhancement Mode MOSFET
logo
YUXIANG Magnetc materia...
P1811 YUXIANG-P1811 Datasheet
103Kb / 1P
   POT TYPE CORES
logo
API Delevan
P1812 API-P1812 Datasheet
32Kb / 1P
   Surface Mount Power Inductors
P1812-102K API-P1812-102K Datasheet
32Kb / 1P
   Surface Mount Power Inductors
P1812-102K API-P1812-102K Datasheet
1Mb / 1P
   Surface Mount Power Inductors
More results

Similar Description - P1818F-08TT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P1819N ALSC-ASM3P1819N Datasheet
354Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
ASM3P1819N ONSEMI-ASM3P1819N Datasheet
109Kb / 6P
   Low Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P1817A PULSECORE-P1817A Datasheet
382Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
P1817A ONSEMI-P1817A Datasheet
120Kb / 7P
   Low-Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P1817A ALSC-P1817A Datasheet
302Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P1819N PULSECORE-ASM3P1819N Datasheet
332Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
   Low Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
   Low Power EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
   Low Power EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com