Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H850 Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # H850
Description  5.3mm Base Lampholders
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

H850 Datasheet(HTML) 2 Page - Gilway Technical Lamp

  H850 Datasheet HTML 1Page - Gilway Technical Lamp H850 Datasheet HTML 2Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
H706
Lamp Base
GX5.3 (MR-16)
GX5.3-1.5
Holder
Ceramic/Metal
Maximum
Ratings
250 Volts
12 Amps
230°C
Wire
18 AWG Stranded
Silicone Insulation
130mm Wire Length
H867
Lamp Base
GY5.3
Holder
Ceramic
Maximum
Ratings
250 Volts
10 Amps
230°C
Wire
18 AWG Stranded
Silicone Insulation
130mm Wire Length
5.3mm Base Lampholders
31


Similar Part No. - H850

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8500B HAMAMATSU-H8500B Datasheet
177Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
logo
List of Unclassifed Man...
H8500PO ETC2-H8500PO Datasheet
858Kb / 2P
   8500 Rocker Switches - Miniature
H8500VB ETC2-H8500VB Datasheet
858Kb / 2P
   8500 Rocker Switches - Miniature
H8500VBBB-551W-B ETC2-H8500VBBB-551W-B Datasheet
190Kb / 2P
   8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
More results

Similar Description - H850

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
H912 GILWAY-H912 Datasheet
229Kb / 3P
   6.35mm Base Lampholders
H9971 GILWAY-H9971 Datasheet
59Kb / 1P
   9.5mm Base Lampholders
H943 GILWAY-H943 Datasheet
49Kb / 1P
   R7 Base Lampholders
H9941 GILWAY-H9941 Datasheet
764Kb / 2P
   4mm Base Lampholders
logo
Visual Communications C...
12-208 VCC-12-208 Datasheet
586Kb / 3P
   DOUBLE CONTACT BAYONET BASE NON-GROUNDED LAMPHOLDERS
logo
Gilway Technical Lamp
HT-456 GILWAY-HT-456 Datasheet
108Kb / 2P
   Commercial Grade Lampholders
logo
Visual Communications C...
930 VCC-930 Datasheet
563Kb / 1P
   Miniature Bayonet lampholders
922 VCC-922 Datasheet
524Kb / 1P
   Midget Flange incandescent Lampholders
logo
E&E Magnetic Products L...
833-00006F EEMAGNETIC-833-00006F Datasheet
535Kb / 2P
   Low profile(Height: 5.3mm Max)
logo
Visual Communications C...
925 VCC-925 Datasheet
508Kb / 1P
   Midget Flange incandescent Lampholders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com